Electronic Components Datasheet Search
  English  ▼

X  

AD9691 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9691
Description  Dual Analog-to-Digital Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9691 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9691 Datasheet HTML 48Page - Analog Devices AD9691 Datasheet HTML 49Page - Analog Devices AD9691 Datasheet HTML 50Page - Analog Devices AD9691 Datasheet HTML 51Page - Analog Devices AD9691 Datasheet HTML 52Page - Analog Devices AD9691 Datasheet HTML 53Page - Analog Devices AD9691 Datasheet HTML 54Page - Analog Devices AD9691 Datasheet HTML 55Page - Analog Devices AD9691 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
Data Sheet
AD9691
Rev. 0 | Page 51 of 72
MULTICHIP SYNCHRONIZATION
The AD9691 has a SYSREF± input that allows flexible options
for synchronizing the internal blocks. The SYSREF± input is a
source synchronous system reference signal that enables multichip
synchronization. The input clock divider, DDCs, signal monitor
block, and JESD204B link can be synchronized using the SYSREF±
input. For the highest level of timing accuracy, SYSREF± must
meet setup and hold requirements relative to the CLK± input.
The flowchart in Figure 80 describes the internal mechanism by
which multichip synchronization can be achieved in the
AD9691. The AD9691 supports several features that aid users in
meeting the requirements for capturing a SYSREF± signal. The
SYSREF± sample event can be defined as either a synchronous
low to high transition, or synchronous high to low transition.
Additionally, the AD9691 allows the SYSREF± signal to be
sampled using either the rising edge or falling edge of the CLK±
input. The AD9691 also can ignore a programmable number (up
to 16) of SYSREF± events. The SYSREF± control options can be
selected using Register 0x120 and Register 0x121.
YES
UPDATE
SETUP/HOLD
DETECTOR STATUS
(0x128)
INCREMENT
SYSREF± IGNORE
COUNTER
YES
NO
SYSREF±
ENABLED?
(REG 0x120)
NO
CLOCK
DIVIDER
> 1?
(REG 0x10B)
YES
NO
INPUT
CLOCK
DIVIDER
ALIGNMENT
REQUIRED?
YES
NO
NO
YES
ALIGN CLOCK
DIVIDER
PHASE TO
SYSREF
SYNCHRONIZATION
MODE?
(REG 0x1FF)
TIMESTAMP
MODE
NORMAL
MODE
YES
SYSREF±
INSERTED
IN JESD204B
CONTROL BITS
BACK TO START
NO
DDC NCO
ALIGNMENT
ENABLED?
(REG 0x300)
YES
NO
NO
YES
SEND K28.5
CHARACTERS
NORMAL
JESD204B
INITIALIZATION
SYSREF±
CONTROL BITS?
(REG 0x559,
REG 0x55A,
REG 0x58F)
RESET
SYSREF± IGNORE
COUNTER
NO
START
SYSREF±
ASSERTED?
YES
NO
YES
ALIGN SIGNAL
MONITOR
COUNTERS
YES
NO
NO
YES
NO
INCREMENT
SYSREF±
COUNTER
(REG 0x12A)
SYSREF±
TIMESTAMP
DELAY
(REG 0x123)
BACK TO START
SYSREF±
IGNORE
COUNTER
EXPIRED?
(REG 0x121)
CLOCK
DIVIDER
AUTO ADJUST
ENABLED?
(REG 0x10D)
RAMP
TEST
MODE
ENABLED?
(REG 0x550)
SYSREF± RESETS
RAMP TEST
MODE
GENERATOR
JESD204B
LMFC
ALIGNMENT
REQUIRED?
ALIGN PHASE
OF ALL
INTERNAL CLOCKS
(INCLUDING LMFC)
TO SYSREF±
SEND INVALID
8B/10B
CHARACTERS
(ALL 0s)
SYNC~
ASSERTED
SIGNAL
MONITOR
ALIGNMENT
ENABLED?
(REG 0x26F)
ALIGN DDC
NCO PHASE
ACCUMULATOR
Figure 80. Multichip Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com