Electronic Components Datasheet Search
  English  ▼

X  

AD9691 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9691
Description  Dual Analog-to-Digital Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9691 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9691 Datasheet HTML 8Page - Analog Devices AD9691 Datasheet HTML 9Page - Analog Devices AD9691 Datasheet HTML 10Page - Analog Devices AD9691 Datasheet HTML 11Page - Analog Devices AD9691 Datasheet HTML 12Page - Analog Devices AD9691 Datasheet HTML 13Page - Analog Devices AD9691 Datasheet HTML 14Page - Analog Devices AD9691 Datasheet HTML 15Page - Analog Devices AD9691 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
Data Sheet
AD9691
Rev. 0 | Page 11 of 72
Pin No.
Mnemonic
Type
Description
CMOS Outputs
21, 46
FD_A, FD_B
Output
Fast Detect Outputs for Channel A and Channel B, respectively.
Digital Inputs
25, 26
SYNCINB−, SYNCINB+
Input
Active Low JESD204B LVDS Sync Input Complement/True.
79, 80
SYSREF+, SYSREF−
Input
Active Low JESD204B LVDS System Reference Input
True/Complement.
Data Outputs
27, 28
SERDOUT0−, SERDOUT0+
Output
Lane 0 Output Data Complement/True.
29, 30
SERDOUT1−, SERDOUT1+
Output
Lane 1 Output Data Complement/True.
31, 32
SERDOUT2−, SERDOUT2+
Output
Lane 2 Output Data Complement/True.
33, 34
SERDOUT3−, SERDOUT3+
Output
Lane 3 Output Data Complement/True.
35, 36
SERDOUT4−, SERDOUT4+
Output
Lane 4 Output Data Complement/True.
37, 38
SERDOUT5−, SERDOUT5+
Output
Lane 5 Output Data Complement/True.
39, 40
SERDOUT6−, SERDOUT6+
Output
Lane 6 Output Data Complement/True.
41, 42
SERDOUT7−, SERDOUT7+
Output
Lane 7 Output Data Complement/True.
Device Under Test (DUT)
Controls
14
PDWN/STBY
Input
Power-Down Input (Active High). The operation of this pin
depends on the SPI mode and can be configured as power-
down or standby.
53
SDIO
Input/output
SPI Serial Data Input/Output.
54
SCLK
Input
SPI Serial Clock.
55
CSB
Input
SPI Chip Select (Active Low).
No Connections
17, 18, 19, 20, 22, 45, 47,
48, 49, 50, 67, 70, 73, 82,
85, 88
DNC
Do No Connect. These pins must be left unconnected.
1
To ensure proper ADC operation, connect AVDD1_SR and AGND separately from the AVDD1 and EPAD connection. For more information, see the Applications
Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com