Electronic Components Datasheet Search
  English  ▼

X  

AD9691 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9691
Description  Dual Analog-to-Digital Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9691 Datasheet(HTML) 1 Page - Analog Devices

  AD9691 Datasheet HTML 1Page - Analog Devices AD9691 Datasheet HTML 2Page - Analog Devices AD9691 Datasheet HTML 3Page - Analog Devices AD9691 Datasheet HTML 4Page - Analog Devices AD9691 Datasheet HTML 5Page - Analog Devices AD9691 Datasheet HTML 6Page - Analog Devices AD9691 Datasheet HTML 7Page - Analog Devices AD9691 Datasheet HTML 8Page - Analog Devices AD9691 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
14-Bit, 1.25 GSPS JESD204B,
Dual Analog-to-Digital Converter
Data Sheet
AD9691
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
JESD204B (Subclass 1) coded serial digital outputs
1.9 W total power per channel (default settings)
SFDR = 77 dBFS at 340 MHz
SNR = 63.4 dBFS at 340 MHz (AIN = −1.0 dBFS)
Noise density = −152.6 dBFS/Hz
1.25 V, 2.50 V, and 3.3 V dc supply operation
No missing codes
1.58 V p-p differential full scale input voltage
Flexible termination impedance
400 Ω, 200 Ω, 100 Ω, and 50 Ω differential
1.5 GHz usable analog input full power bandwidth
95 dB channel isolation/crosstalk
Amplitude detection bits for efficient AGC implementation
2 integrated wideband digital processors per channel
12-bit NCO, up to 4 cascaded half-band filters
Integer clock divide by 1, 2, 4, or 8
Flexible JESD204B lane configurations
Timestamp feature
Small signal dither
APPLICATIONS
Communications (wideband receivers and digital predistortion)
Instrumentation (spectrum analyzers, network analyzers,
integrated RF test solutions)
DOCSIS 3.x CMTS upstream receive paths
High speed data acquisition systems
GENERAL DESCRIPTION
The AD9691 is a dual, 14-bit, 1.25 GSPS analog-to-digital converter
(ADC). The device has an on-chip buffer and sample-and-hold
circuit designed for low power, small size, and ease of use. The
device is designed for sampling wide bandwidth analog signals
of up to 1.5 GHz.
The dual ADC cores feature a multistage, differential pipelined
architecture with integrated output error correction logic. Each
ADC features wide bandwidth inputs supporting a variety of
user-selectable input ranges. An integrated voltage reference
eases design considerations.
Each ADC data output is internally connected to two digital
downconverters (DDCs). Each DDC consists of four cascaded
signal processing stages: a 12-bit frequency translator (NCO)
and four half-band decimation filters.
In addition to the DDC blocks, the AD9691 has a programmable
threshold detector that allows monitoring of the incoming
signal power using the fast detect output bits of the ADC. Because
FUNCTIONAL BLOCK DIAGRAM
VIN+A
VIN–A
VIN+B
VIN–B
CLK+
CLK–
AD9691
SERDOUT0±
SERDOUT1±
SERDOUT2±
SERDOUT3±
SERDOUT4±
SERDOUT5±
SERDOUT6±
SERDOUT7±
÷2
÷4
SYSREF±
CLOCK
GENERATION
14
14
PDWN/
STBY
SYNCINB±
FD_A
FD_B
BUFFER
BUFFER
JESD204B
SUBCLASS 1
CONTROL
V_1P0
÷8
FAST
DETECT
SIGNAL
MONITOR
AGND DRGND DGND
SDIO SCLK CSB
AVDD2
(2.50V)
AVDD1
(1.25V)
AVDD3
(3.3V)
AVDD_SR
(1.25V)
DVDD
(1.25V)
DRVDD
(1.25V)
SPIVDD
(1.8V TO 3.3V)
8
SIGNAL
MONITOR
ADC
CORE
ADC
CORE
SPI CONTROL
DIGITAL
DOWN-
CONVERTER
DIGITAL
DOWN-
CONVERTER
CONTROL
REGISTERS
Figure 1.
this threshold indicator has low latency, the user can quickly
turn down the system gain to avoid an overrange condition at
the ADC input.
Users can configure the Subclass 1 JESD204B-based high speed
serialized output in a variety of one-, two-, four- or eight-lane
configurations, depending on the DDC configuration and the
acceptable lane rate of the receiving logic device. Multiple device
synchronization is supported through the SYSREF± input pins.
The AD9691 is available in a Pb-free, 88-lead LFCSP and is
specified over the −40°C to +85°C industrial temperature range.
This product is protected by a U.S. patent.
PRODUCT HIGHLIGHTS
1. Low power consumption analog core, 14-bit, 1.25 GSPS
dual ADC with 1.9 W per channel.
2. Wide full power bandwidth supports intermediate
frequency (IF) sampling of signals up to 1.5 GHz.
3. Buffered inputs with programmable input termination
eases filter design and implementation.
4. Flexible serial port interface (SPI) controls various product
features and functions to meet specific system requirements.
5. Programmable fast overrange detection.
6. 12 mm × 12 mm, 88-lead LFCSP.


Similar Part No. - AD9691

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9691 AD-AD9691 Datasheet
1Mb / 72P
14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
Rev. 0
AD9691-1250EBZ AD-AD9691-1250EBZ Datasheet
1Mb / 72P
14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
Rev. 0
AD9691BCPZ-1250 AD-AD9691BCPZ-1250 Datasheet
1Mb / 72P
14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
Rev. 0
AD9691BCPZRL7-1250 AD-AD9691BCPZRL7-1250 Datasheet
1Mb / 72P
14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
Rev. 0
More results

Similar Description - AD9691

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC725 BURR-BROWN-DAC725 Datasheet
102Kb / 7P
Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TMS57014A TI-TMS57014A Datasheet
227Kb / 16P
DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9695 AD-AD9695 Datasheet
5Mb / 136P
Dual Analog-to-Digital Converter
Rev. 0
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
Dual Analog-to-Digital Converter
Rev. A
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
Dual Analog-to-Digital Converter
Rev. C
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
Dual Analog-to-Digital Converter
Rev. E
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
Dual Analog-to-Digital Converter
Rev. 0
AD9689 AD-AD9689 Datasheet
2Mb / 134P
Dual Analog-to-Digital Converter
Rev. A
AD9640 AD-AD9640_17 Datasheet
1Mb / 54P
1.8V Dual Analog-to-Digital Converter
Rev. B
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
3V Dual Analog-to-Digital Converter
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com