Electronic Components Datasheet Search
  English  ▼

X  

AD9691 Datasheet(PDF) 69 Page - Analog Devices

Part # AD9691
Description  Dual Analog-to-Digital Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9691 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9691 Datasheet HTML 65Page - Analog Devices AD9691 Datasheet HTML 66Page - Analog Devices AD9691 Datasheet HTML 67Page - Analog Devices AD9691 Datasheet HTML 68Page - Analog Devices AD9691 Datasheet HTML 69Page - Analog Devices AD9691 Datasheet HTML 70Page - Analog Devices AD9691 Datasheet HTML 71Page - Analog Devices AD9691 Datasheet HTML 72Page - Analog Devices AD9691 Datasheet HTML 73Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
AD9691
Data Sheet
Rev. 0 | Page 68 of 72
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x58B
JESD204B
parameters
SCR/L
JESD204B
scrambling
(SCR)
0 =
disabled
1 =
enabled
0
0
0
0
JESD204B lanes (L)
000 = 1 lane
001 = 2 lanes
011 = 4 lanes
111 = 7 lanes
Read only, see
Register 0x570
0x8X
0x58C
JESD204B F
config
Number of octets per frame, F = Register 0x58C, Bits[7:0] + 1
0x88
Read only,
see
Reg. 0x570
0x58D
JESD204B K
config
0
0
0
Number of frames per multiframe, K = Register 0x58D, Bits[4:0] + 1
Only values where (F × K) mod 4 = 0 are supported
0x1F
See
Reg. 0x570
0x58E
JESD204B M
config
Number of converters per link, Bits[7:0]
0x00 = link connected to one virtual converter (M = 1)
0x01 = link connected to two virtual converters (M = 2)
0x03 = link connected to four virtual converters (M = 4)
0x07 = link connected to eight virtual converters (M = 8)
Read only
0x58F
JESD204B
CS/N config
Number of control bits
(CS) per sample
00 = no control bits
(CS = 0)
01 = 1 control bit (CS =
1); Control Bit 2 only
10 = 2 control bits (CS =
2); Control Bit 2 and
Control Bit 1 only
11 = 3 control bits (CS =
3); all control bits (2, 1, 0)
0
ADC converter resolution (N)
0x06 = 7-bit resolution
0x07 = 8-bit resolution
0x08 = 9-bit resolution
0x09 = 10-bit resolution
0x0A = 11-bit resolution
0x0B = 14-bit resolution (default)
0x0C = 13-bit resolution
0x0D = 14-bit resolution
0x0E = 15-bit resolution
0x0F = 16-bit resolution
0x0B
0x590
JESD204B N’
config
Subclass support (Subclass
version)
000 = Subclass 0 (no deterministic
latency)
001 = Subclass 1
ADC number of bits per sample (N’)
0x7 = 8 bits
0xF = 16 bits
0x2F
0x591
JESD204B S
config
0
0
1
Samples per converter frame cycle (S)
S value = Register 0x591, Bits[4:0] +1
Read only
0x592
JESD204B HD
and CF
configuration
HD value
0 =
disabled
1 =
enabled
0
0
Control words per frame clock cycle per link (CF)
CF value = Register 0x592, Bits[4:0]
0x80
Read only
0x5A0
JESD204B
CHKSUM 0
CHKSUM value for SERDOUT0±, Bits[7:0]
0xC3
Read only
0x5A1
JESD204B
CHKSUM 1
CHKSUM value for SERDOUT1±, Bits[7:0]
0xC4
Read only
0x5A2
JESD204B
CHKSUM 2
CHKSUM value for SERDOUT2±, Bits[7:0]
0xC5
Read only
0x5A3
JESD204B
CHKSUM 3
CHKSUM value for SERDOUT3±, Bits[7:0]
0xC6
Read only
0x5A4
JESD204B
CHKSUM 4
CHKSUM value for SERDOUT4±, Bits[7:0]
0xC7
Read only
0x5A5
JESD204B
CHKSUM 5
CHKSUM value for SERDOUT5±, Bits[7:0]
0xC8
Read only
0x5A6
JESD204B
CHKSUM 6
CHKSUM value for SERDOUT6±, Bits[7:0]
0xC9
Read only
0x5A7
JESD204B
CHKSUM 7
CHKSUM value for SERDOUT7±, Bits[7:0]
0xCA
Read only
0x5B0
JESD204B lane
power-down
SERD-
OUT7±
0 = on
1 = off
SERD-
OUT6±
0 = on
1 = off
SERD-
OUT5±
0 = on
1 = off
SERDOUT4±
0 = on
1 = off
SERD-
OUT3±
0 = on
1 = off
SERD-
OUT2±
0 = on
1 = off
SERD-
OUT1±
0 = on
1 = off
SERDOUT0±
0 = on
1 = off
0xAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com