Electronic Components Datasheet Search
  English  ▼

X  

80960JA Datasheet(PDF) 31 Page - Intel Corporation

Part # 80960JA
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JA Datasheet(HTML) 31 Page - Intel Corporation

Back Button 80960JA Datasheet HTML 27Page - Intel Corporation 80960JA Datasheet HTML 28Page - Intel Corporation 80960JA Datasheet HTML 29Page - Intel Corporation 80960JA Datasheet HTML 30Page - Intel Corporation 80960JA Datasheet HTML 31Page - Intel Corporation 80960JA Datasheet HTML 32Page - Intel Corporation 80960JA Datasheet HTML 33Page - Intel Corporation 80960JA Datasheet HTML 34Page - Intel Corporation 80960JA Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
Advance Information Datasheet
31
80960JA/JF/JD/JT 3.3 V Microprocessor
Table 10.
196-Ball MPBGA Pinout — In Signal Order (Sheet 1 of 2)
Signal
Pin
Signal
Pin
Signal
Pin
Signal
Pin
A2
N5
BE0
J2
NC
M4
VCC
J1
A3
M5
BE1
H1
NC
N3
VCC
K3
AD0
D13
BE2
H2
NC
N4
VCC
K13
AD1
D14
BE3
H3
NC
N8
VCC
L3
AD2
C14
BLAST
P3
NC
N10
VCC
M2
AD3
D11
BSTAT
J3
NC
P1
VCC
M6
AD4
B14
CLKIN
G13
NC
P8
VCC
M9
AD5
D12
DEN
L2
NC
P9
VCC
N6
AD6
C13
D/C
N2
NC
P14
VCC
P4
AD7
B13
DT/R
M1
NMI
P10
VCC
P13
AD8
A13
FAIL
P7
RDYRCV
L14
VCCPLL
F14
AD9
B12
HOLD
N14
RESET
J14
VSS
D4
AD10
B11
HOLDA
L1
STEST
K14
VSS
D5
AD11
C12
LOCK/ONCE
K2
TCK
M14
VSS
D6
AD12
B10
NC
A1
TDI
J12
VSS
D7
AD13
A11
NC
A4
TDO
N7
VSS
D8
AD14
B9
NC
A14
TMS
M12
VSS
D9
AD15
A10
NC
C1
TRST
M13
VSS
D10
AD16
C9
NC
C3
VCC5
M8
VSS
E4
AD17
B8
NC
D1
VCC
A3
VSS
E5
AD18
A8
NC
D2
VCC
A5
VSS
E6
AD19
C8
NC
D3
VCC
A7
VSS
E7
AD20
B7
NC
E1
VCC
A9
VSS
E8
AD21
C7
NC
E2
VCC
A12
VSS
E9
AD22
A6
NC
F1
VCC
B1
VSS
E10
AD23
B6
NC
F2
VCC
B5
VSS
E11
AD24
C6
NC
G1
VCC
C10
VSS
F4
AD25
C5
NC
G2
VCC
C11
VSS
F5
AD26
C4
NC
G12
VCC
E3
VSS
F6
AD27
B3
NC
G14
VCC
E12
VSS
F7
AD28
A2
NC
H12
VCC
E13
VSS
F8
AD29
B4
NC
H14
VCC
E14
VSS
F9
AD30
B2
NC
J13
VCC
F3
VSS
F10
AD31
C2
NC
K12
VCC
F12
VSS
F11
ADS
P2
NC
L12
VCC
F13
VSS
G4
ALE
K1
NC
L13
VCC
G3
VSS
G5
ALE
M7
NC
M3
VCC
H13
VSS
G6
NOTE: Do not connect any external logic to pins marked NC (no connect pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com