Electronic Components Datasheet Search
  English  ▼

X  

80960JA Datasheet(PDF) 53 Page - Intel Corporation

Part # 80960JA
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JA Datasheet(HTML) 53 Page - Intel Corporation

Back Button 80960JA Datasheet HTML 49Page - Intel Corporation 80960JA Datasheet HTML 50Page - Intel Corporation 80960JA Datasheet HTML 51Page - Intel Corporation 80960JA Datasheet HTML 52Page - Intel Corporation 80960JA Datasheet HTML 53Page - Intel Corporation 80960JA Datasheet HTML 54Page - Intel Corporation 80960JA Datasheet HTML 55Page - Intel Corporation 80960JA Datasheet HTML 56Page - Intel Corporation 80960JA Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
Advance Information Datasheet
53
80960JA/JF/JD/JT 3.3 V Microprocessor
Figure 21.
TOF Output Float Waveform
Figure 22.
TIS1 and TIH1 Input Setup and Hold Waveform
Figure 23.
TIS2 and TIH2 Input Setup and Hold Waveform
1.5V
1.5V
TOF
CLKIN
AD31:0,
ALE, ALE
ADS, A3:2,
BE3:0,
WIDTH/HLTD1:0,
D/C, W/R, DT/R,
DEN, BLAST, LOCK
CLKIN
AD31:0
1.5V
1.5V
1.5V
TIS1
TIH1
1.5V
NMI
XINT7:0
Valid
CLKIN
Valid
HOLD,
1.5V
1.5V
1.5V
1.5V
1.5V
TIS2
TIH2
RDYRCV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com