Electronic Components Datasheet Search
  English  ▼

X  

80960JA Datasheet(PDF) 74 Page - Intel Corporation

Part # 80960JA
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JA Datasheet(HTML) 74 Page - Intel Corporation

Back Button 80960JA Datasheet HTML 70Page - Intel Corporation 80960JA Datasheet HTML 71Page - Intel Corporation 80960JA Datasheet HTML 72Page - Intel Corporation 80960JA Datasheet HTML 73Page - Intel Corporation 80960JA Datasheet HTML 74Page - Intel Corporation 80960JA Datasheet HTML 75Page - Intel Corporation 80960JA Datasheet HTML 76Page - Intel Corporation 80960JA Datasheet HTML 77Page - Intel Corporation 80960JA Datasheet HTML 78Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 74 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
74
Advance Information Datasheet
6.0
Device Identification
80960Jx processors may be identified electrically, according to device type and stepping (see
Figure 46, and Table 31 through Table 36). Table 30 identifies the device type and stepping for all
5V, 80960Jx processors. Figure 46, and Table 31 through Table 36 identify all 3.3V-5V-tolerant
80960Jx processors. The device ID was enhanced to differentiate between 3.3V and 5V supply
voltages, and between non-clock-doubled and clock-doubled cores when stepping from the A2
stepping to the C0 stepping. The 32-bit identifier is accessible in three ways:
• Upon reset, the identifier is placed into the g0 register.
• The identifier may be accessed from supervisor mode at any time by reading the DEVICEID
register at address FF008710H.
• The IEEE Standard 1149.1 Test Access Port may select the DEVICE ID register through the
IDCODE instruction.
• The device and stepping letter is also printed on the top side of the product package.
Table 30.
80960Jx Device Type and Stepping Reference
Device and
Stepping
Version
Number
Part Number
Manufacturer
X
Complete ID
(Hex)
80960JT A0, A1
0000
0000 1000 0010 1011
0000 0001 001
1
0082B013
80960JD C0
0011
0000 1000 0011 0000
0000 0001 001
1
30830013
80960JF C0
0011
0000 1000 0010 0000
0000 0001 001
1
30820013
80960JA C0
0011
0000 1000 0010 0001
0000 0001 001
1
30821013
Figure 46.
80960JT Device Identification Register
28
24
20
40
16
12
8
1
1
0
0
1
0
0
0
0
0
0
0
Manufacturer ID
Part Number
Version
Model
Gen
Product
Type
VCC
1
0
0
0
0
0
1
0
0
0
0
1
1
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com