Electronic Components Datasheet Search
  English  ▼

X  

80960JA Datasheet(PDF) 40 Page - Intel Corporation

Part # 80960JA
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JA Datasheet(HTML) 40 Page - Intel Corporation

Back Button 80960JA Datasheet HTML 36Page - Intel Corporation 80960JA Datasheet HTML 37Page - Intel Corporation 80960JA Datasheet HTML 38Page - Intel Corporation 80960JA Datasheet HTML 39Page - Intel Corporation 80960JA Datasheet HTML 40Page - Intel Corporation 80960JA Datasheet HTML 41Page - Intel Corporation 80960JA Datasheet HTML 42Page - Intel Corporation 80960JA Datasheet HTML 43Page - Intel Corporation 80960JA Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
40
Advance Information Datasheet
4.3
Connection Recommendations
For clean on-chip power distribution, VCC and VSS pins separately feed the device’s functional units.
Power and ground connections must be made to all 80960Jx power and ground pins. On the circuit board,
every VCC pin should connect to a power plane and every VSS pin should connect to a ground plane. Place
liberal decoupling capacitance near the 80960Jx, since the processor can cause transient power surges.
Pay special attention to the Test Reset (TRST) pin. It is essential that the JTAG Boundary Scan Test Access
Port (TAP) controller initializes to a known state whether it will be used or not. If the JTAG Boundary Scan
function will be used, connect a pulldown resistor between the TRST pin and VSS. If the JTAG Boundary
Scan function will not be used (even for board-level testing), connect the TRST pin to VSS.
Do not connect the TDI, TDO, and TCK pins if the TAP Controller will not be used.
Note:
Pins identified as NC must not be connected in the system.
4.4
VCC5 Pin Requirements (VDIFF)
In 3.3 V only systems where the 80960Jx input pins are driven from 3.3 V logic, connect the VCC5
pin directly to the 3.3 V VCC plane.
In mixed voltage systems where the processor is powered by 3.3 V and interfaces with 5 V
components, VCC5 must be connected to 5 V. This allows proper 5 V tolerant buffer operation,
and prevents damage to the input pins. The voltage differential between the 80960Jx VCC5 pin and
its 3.3 V VCC pins must not exceed 2.25 V. If this requirement is not met, current flow through the
pin may exceed the value at which the processor is damaged. Instances when the voltage can
exceed 2.25 V is during power up or power down, where one source reaches its level faster than the
other, briefly causing an excess voltage differential. Another instance is during steady-state
operation, where the differential voltage of the regulator (provided a regulator is used) cannot be
maintained within 2.25 V. Two methods are possible to prevent this from happening:
• Use a regulator that is designed to prevent the voltage differential from exceeding 2.25 V, or,
• As shown in Figure 8, place a 100
Ω resistor in series with the VCC5 pin to limit the current
through VCC5.
If the regulator cannot prevent the 2.25 V differential, the addition of the resistor is a simple and
reliable method for limiting current. The resistor can also prevent damage in the case of a power
failure, where the 5 V supply remains on and the 3.3 V supply goes to zero.
Figure 8.
VCC5 Current-Limiting Resistor
+5 V (±0.25 V)
VCC5 Pin
100
Ω
(±5%, 0.5 W)
Table 20.
VDIFF Parameters
Symbol
Parameter
Min
Max
Units
Notes
VDIFF
VCC5-VCC
Difference
2.25
V
VCC5 input should not exceed VCC by more than 2.25 V
during power-up and power-down, or during
steady-state operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com