Electronic Components Datasheet Search
  English  ▼

X  

80960JA Datasheet(PDF) 52 Page - Intel Corporation

Part # 80960JA
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JA Datasheet(HTML) 52 Page - Intel Corporation

Back Button 80960JA Datasheet HTML 48Page - Intel Corporation 80960JA Datasheet HTML 49Page - Intel Corporation 80960JA Datasheet HTML 50Page - Intel Corporation 80960JA Datasheet HTML 51Page - Intel Corporation 80960JA Datasheet HTML 52Page - Intel Corporation 80960JA Datasheet HTML 53Page - Intel Corporation 80960JA Datasheet HTML 54Page - Intel Corporation 80960JA Datasheet HTML 55Page - Intel Corporation 80960JA Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
52
Advance Information Datasheet
4.7.2
AC Timing Waveforms
Figure 19.
CLKIN Waveform
Figure 20.
TOV1 Output Delay Waveform
2.0V
1.5V
0.8V
TCF
TCH
TCL
TC
TCR
CLKIN
AD31:0,
ALE (active),
ALE (active),
ADS, A3:2,
BE3:0,
WIDTH/HLTD1:0,
D/C, W/R, DEN,
BLAST, LOCK,
HOLDA, BSTAT, FAIL
1.5V
1.5V
1.5V
TOV1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com