Electronic Components Datasheet Search
  English  ▼

X  

80960JA Datasheet(PDF) 36 Page - Intel Corporation

Part # 80960JA
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JA Datasheet(HTML) 36 Page - Intel Corporation

Back Button 80960JA Datasheet HTML 32Page - Intel Corporation 80960JA Datasheet HTML 33Page - Intel Corporation 80960JA Datasheet HTML 34Page - Intel Corporation 80960JA Datasheet HTML 35Page - Intel Corporation 80960JA Datasheet HTML 36Page - Intel Corporation 80960JA Datasheet HTML 37Page - Intel Corporation 80960JA Datasheet HTML 38Page - Intel Corporation 80960JA Datasheet HTML 39Page - Intel Corporation 80960JA Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
36
Advance Information Datasheet
Table 14.
132-Lead PQFP Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
(0)
50
(0.25)
100
(0.50)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
θ
JC (Junction-to-Case)
4.1
4.3
4.3
4.3
4.3
4.7
4.9
θ
CA (Case-to-Ambient -No Heatsink)
23
19
18
16
14
11
9
NOTES:
1. This table applies to a PQFP device soldered directly into board.
2.
θJA = θJC + θCA
3.
θJL = 13°C/W (approx.)
4.
θJB = 13.5°C/W (approx.)
Table 15.
Maximum TA at Various Airflows in °C (80960JT)
Airflow-ft/min (m/sec)
fCLKIN (MHz)
0
(0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.07)
PQFP
Package
TA without Heatsink
33
25
62
71
73
79
76
82
81
86
85
88
88
91
PGA
Package
TA without Heatsink
33
25
58
68
68
75
76
82
80
84
81
86
83
87
TA with Omnidirectional
Heatsink1
33
25
75
81
85
88
90
92
92
94
93
95
93
95
TA with Unidirectional
Heatsink2
33
25
73
79
86
90
90
92
92
94
93
95
93
95
MPBGA
Package
TA without Heatsink
33
25
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
NOTES:
1. 0.248” high omnidirectional heatsink (AI alloy 6061, 41 mil fin width, 124 mil center-to-center fin spacing).
2. 0.250” high unidirectional heatsink (AI alloy 6061, 50 mil fin width, 146 mil center-to-center fin spacing).
θ
JB
θ
JA
θ
JC
θ
JL
θ
CA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com