Electronic Components Datasheet Search
  English  ▼

X  

AD9239 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9239
Description  Serial Output 1.8 V ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9239 Datasheet HTML 4Page - Analog Devices AD9239 Datasheet HTML 5Page - Analog Devices AD9239 Datasheet HTML 6Page - Analog Devices AD9239 Datasheet HTML 7Page - Analog Devices AD9239 Datasheet HTML 8Page - Analog Devices AD9239 Datasheet HTML 9Page - Analog Devices AD9239 Datasheet HTML 10Page - Analog Devices AD9239 Datasheet HTML 11Page - Analog Devices AD9239 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Data Sheet
AD9239
TIMING DIAGRAM
...
...
...
...
...
...
...
...
SAMPLE
N
SERIAL CODED SAMPLES: N – 40, N – 39, N – 38, N – 37 ...
N – 39
N – 40
N – 38
N – 37
N + 1
ANALOG
INPUT SIGNAL
SAMPLE
RATE CLOCK
SAMPLE
RATE CLOCK
SERIAL
DATA OUT
DATA PACKET 1
(64 BITS)
8-BIT HEADER
CHANNEL ID
48-BIT ADC
DATA-WORD
8-BIT ERROR
CORRECTION
Figure 2. Timing Diagram
Table 5. Packet Protocol
Bits[64:57]
Bits[56:45]
Bits[44:33]
Bits[32:21]
Bits[20:9]
Bits[8:1]
Header
Data 1
Data 2
Data 3
Data 4
ECC
(8 bits MSB first)
(12 bits MSB first)
(12 bits MSB first)
(12 bits MSB first)
(12 bits MSB first)
(8 bits MSB first)
Rev. E | Page 7 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com