Electronic Components Datasheet Search
  English  ▼

X  

AD9239 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9239
Description  Serial Output 1.8 V ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9239 Datasheet HTML 23Page - Analog Devices AD9239 Datasheet HTML 24Page - Analog Devices AD9239 Datasheet HTML 25Page - Analog Devices AD9239 Datasheet HTML 26Page - Analog Devices AD9239 Datasheet HTML 27Page - Analog Devices AD9239 Datasheet HTML 28Page - Analog Devices AD9239 Datasheet HTML 29Page - Analog Devices AD9239 Datasheet HTML 30Page - Analog Devices AD9239 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
AD9239
Data Sheet
Scramblers
There are three scramblers on the AD9239. The scramblers are
an Ethernet scrambler (x58 + x39 + 1), a SONET scrambler (x7 +
x6 + 1), and a static inverter scrambler (inverts bits at set locations
in the packet). The scramblers are used to help balance the number
of 1s and 0s in the packet.
The Ethernet and SONET scramblers work on scrambling the
whole packet (64 bits), the header and the data (56 bits), or just
the data (48 bits). The scrambler is self-synchronizing on the
descramble end or receive end and does not require an additional
sync bit. For a copy of either the Ethernet or SONET scrambler
code, send an email to highspeed.converters@analog.com.
Figure 65 and Figure 66 show the serial implementation of the
Ethernet and SONET scramblers. The parallel implementation
allows the scrambler and descrambler to run at a slower clock
rate and can be implemented in the fabric of a receiver.
The serial implementations of the Ethernet and SONET scramblers
more easily show what is being done. The parallel implementation
must be derived from the serial implementation. The end product
depends on how many bits need to be processed in parallel. For
the scrambler, 64 bits are processed even in the 56- and 48-bit
cases. To achieve this for 56 bits and 48 bits, a portion of two
samples is used to fill the rest of the input word.
Inverter Balance Example
The inverter implementation uses predetermined bit positions
to balance the packet in an overrange condition (all 1s or all 0s)
in the converter. The inversions are present in all conditions,
not just the overrange condition.
The descrambler can be based off any number of bits the user
chooses to process. In the inverter-based scrambler, the packet
is balanced based on an overranged condition. If each packet is
balanced, the bit stream should be balanced. Instead of a random
sequence that changes from packet to packet, certain inverts are
set at predetermined bit positions within the packet. This allows
the decoding to be done in the receiver end. Figure 67 shows the
inverters in the packet for the 12-bit data case and the inverter
order in the header.
Table 13 shows the average value of the packet for various
conditions.
Table 13. Average of 1s and 0s in Overrange Conditions
Assuming Header Bits are All 0
12-Bit
ECC
No Scramble (Data = 0)
0
00000000
No Scramble (Data = 1)
0.844
00111111
Average of Negative and Positive
Overrange
0.422
Scramble Only Data (Data = 0)
0.375
00000000
Scramble Only Data (Data = 1)
0.469
00111111
Average of Negative and Positive
Overrange
0.422
Scramble Data and Header (Data = 0)
0.437
00000000
Scramble Data and Header (Data = 1)
0.531
00111111
Average of Negative and Positive
Overrange
0.484
If the analog signal is out of range, there should be about the same
number of out-of-range positive and out-of-range negative values.
The average for no scrambling and for scrambling just the data
is about the same. If the header is used to indicate out of range,
the balance improves for the 12-bit case.
Rev. E | Page 26 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com