Electronic Components Datasheet Search
  English  ▼

X  

AD9239 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9239
Description  Serial Output 1.8 V ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 1 Page - Analog Devices

  AD9239 Datasheet HTML 1Page - Analog Devices AD9239 Datasheet HTML 2Page - Analog Devices AD9239 Datasheet HTML 3Page - Analog Devices AD9239 Datasheet HTML 4Page - Analog Devices AD9239 Datasheet HTML 5Page - Analog Devices AD9239 Datasheet HTML 6Page - Analog Devices AD9239 Datasheet HTML 7Page - Analog Devices AD9239 Datasheet HTML 8Page - Analog Devices AD9239 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS
Serial Output 1.8 V ADC
Data Sheet
AD9239
FEATURES
4 ADCs in 1 package
Coded serial digital outputs with ECC per channel
On-chip temperature sensor
−95 dB channel-to-channel crosstalk
SNR = 65 dBFS with AIN = 85 MHz at 250 MSPS
SFDR = 77 dBc with AIN = 85 MHz at 250 MSPS
Excellent linearity
DNL = ±0.3 LSB (typical)
INL = ±0.7 LSB (typical)
780 MHz full power analog bandwidth
Power dissipation = 380 mW per channel at 250 MSPS
1.25 V p-p input voltage range, adjustable up to 1.5 V p-p
1.8 V supply operation
Clock duty cycle stabilizer
Serial port interface features
Power-down modes
Digital test pattern enable
Programmable header
Programmable pin functions (PGMx, PDWN)
APPLICATIONS
Communication receivers
Cable head end equipment/M-CMTS
Broadband radios
Wireless infrastructure transceivers
Radar/military-aerospace subsystems
Test equipment
FUNCTIONAL BLOCK DIAGRAM
AD9239
12
CHANNEL D
CHANNEL A
CHANNEL B
CHANNEL C
VIN + A
DOUT + A
DOUT – A
AVDD
PDWN
DRVDD
DRGND
12
VIN + B
VIN – B
DOUT + B
DOUT – B
12
VIN + C
DOUT + C
DOUT – C
12
VIN – A
VCM A
VCM B
VIN – C
VCM C
SCLK
SDI/
SDIO
SDO
CSB
VIN + D
VIN – D
VCM D
TEMPOUT
DOUT + D
DOUT – D
PGM3
PGM2
PGM1
PGM0
RESET
SHA
SHA
SHA
SHA
BUF
BUF
BUF
BUF
PIPELINE
ADC
PIPELINE
ADC
PIPELINE
ADC
PIPELINE
ADC
SERIAL
PORT
CLK+ CLK–
DATA RATE
MULTIPLIER
RBIAS
REFERENCE
Figure 1.
GENERAL DESCRIPTION
The AD9239 is a quad, 12-bit, 250 MSPS analog-to-digital
converter (ADC) with an on-chip temperature sensor and a
high speed serial interface. It is designed to support digitizing
high frequency, wide dynamic range signals with an input
bandwidth up to 780 MHz. The output data are serialized and
presented in packet format, consisting of channel-specific
information, coded samples, and error correction code.
The ADC requires a single 1.8 V power supply and the input
clock may be driven differentially with a sine wave, LVPECL,
TTL, or LVDS. A clock duty cycle stabilizer allows high
performance at full speed with a wide range of clock duty
cycles. The on-chip reference eliminates the need for external
decoupling and can be adjusted by means of SPI control.
Various power-down and standby modes are supported. The
ADC typically consumes 145 mW per channel with the digital
link still in operation when standby operation is enabled.
Fabricated on an advanced CMOS process, the AD9239 is avail-
able in a Pb-free/RoHS-compliant, 72-lead LFCSP package. It is
specified over the industrial temperature range of −40°C to +85°C.
PRODUCT HIGHLIGHTS
1. Four ADCs are contained in a small, space-saving package.
2. An on-chip PLL allows users to provide a single ADC
sampling clock, and the PLL distributes and multiplies up
to produce the corresponding data rate clock.
3. Coded data rate supports up to 4.0 Gbps per channel.
Coding includes scrambling to ensure proper dc common
mode, embedded clock, and error correction.
4. The AD9239 operates from a single 1.8 V power supply.
5. Flexible synchronization schemes and programmable
mode pins.
6. On-chip temperature sensor.
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - AD9239

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9239 AD-AD9239 Datasheet
1Mb / 40P
Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9239-250KITZ AD-AD9239-250KITZ Datasheet
1Mb / 40P
Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9239BCPZ-170 AD-AD9239BCPZ-170 Datasheet
1Mb / 40P
Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9239BCPZ-210 AD-AD9239BCPZ-210 Datasheet
1Mb / 40P
Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9239BCPZ-250 AD-AD9239BCPZ-250 Datasheet
1Mb / 40P
Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
More results

Similar Description - AD9239

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9239 AD-AD9239 Datasheet
1Mb / 40P
Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
125 MSPS, Serial LVDS 1.8 V ADC
23-Feb-2017
AD9252 AD-AD9252_17 Datasheet
1Mb / 53P
Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_17 Datasheet
1Mb / 57P
Serial LVDS, 1.8 V ADC
Rev. E
AD9259 AD-AD9259_17 Datasheet
1Mb / 53P
Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287_17 Datasheet
2Mb / 52P
Serial LVDS 1.8 V ADC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com