Electronic Components Datasheet Search
  English  ▼

X  

AD9239 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9239
Description  Serial Output 1.8 V ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9239 Datasheet HTML 19Page - Analog Devices AD9239 Datasheet HTML 20Page - Analog Devices AD9239 Datasheet HTML 21Page - Analog Devices AD9239 Datasheet HTML 22Page - Analog Devices AD9239 Datasheet HTML 23Page - Analog Devices AD9239 Datasheet HTML 24Page - Analog Devices AD9239 Datasheet HTML 25Page - Analog Devices AD9239 Datasheet HTML 26Page - Analog Devices AD9239 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
AD9239
Data Sheet
Clock Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of the
clock input. The degradation in SNR at a given input frequency (fA)
due only to aperture jitter (tJ) can be calculated by
SNR Degradation = 20 × log 10(1/2 × π × fA × tJ)
In this equation, the rms aperture jitter represents the root mean
square of all jitter sources, including the clock input, analog input
signal, and ADC aperture jitter. IF undersampling applications
are particularly sensitive to jitter (see Figure 57).
The clock input should be treated as an analog signal in cases
where aperture jitter may affect the dynamic range of the AD9239.
Power supplies for clock drivers should be separated from the
ADC output driver supplies to avoid modulating the clock signal
with digital noise. Low jitter, crystal-controlled oscillators are
the best clock sources. If the clock is generated from another
type of source (by gating, dividing, or another method), it
should be retimed by the original clock during the last step.
Refer to the AN-501 Application Note, the AN-756 Application
Note, and the Analog Dialogue article “Analog-to-Digital Converter
Clock Optimization: A Test Engineering Perspective” (Volume 42,
Number 2, February 2008) for more in-depth information about
jitter performance as it relates to ADCs (visit www.analog.com).
1
10
100
1000
16 BITS
14 BITS
12 BITS
30
40
50
60
70
80
90
100
110
120
130
0.125 ps
0.25 ps
0.5 ps
1.0 ps
2.0 ps
ANALOG INPUT FREQUENCY (MHz)
10 BITS
RMS CLOCK JITTER REQUIREMENT
Figure 57. Ideal SNR vs. Input Frequency and Jitter
Power Dissipation
As shown in Figure 58 to Figure 60, the power dissipated by the
AD9239 is proportional to its clock rate. The digital power
dissipation does not vary significantly because it is determined
primarily by the DRVDD supply and bias current of the digital
output drivers.
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
90
70
110
130
150
170
ENCODE (MSPS)
IAVDD
POWER
IDRVDD
Figure 58. Supply Current vs. Encode for fIN = 84.3 MHz, fSAMPLE = 170 MSPS
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
90
70
110
130
150
170
190
210
ENCODE (MSPS)
IAVDD
POWER
IDRVDD
Figure 59. Supply Current vs. Encode for fIN = 84.3 MHz, fSAMPLE = 210 MSPS
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
90
70
110
130
150
170
190
210
230
250
ENCODE (MSPS)
IAVDD
POWER
IDRVDD
Figure 60. Supply Current vs. Encode for fIN = 84.3 MHz, fSAMPLE = 250 MSPS
Rev. E | Page 22 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com