Electronic Components Datasheet Search
  English  ▼

X  

AD9239 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9239
Description  Serial Output 1.8 V ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9239 Datasheet HTML 11Page - Analog Devices AD9239 Datasheet HTML 12Page - Analog Devices AD9239 Datasheet HTML 13Page - Analog Devices AD9239 Datasheet HTML 14Page - Analog Devices AD9239 Datasheet HTML 15Page - Analog Devices AD9239 Datasheet HTML 16Page - Analog Devices AD9239 Datasheet HTML 17Page - Analog Devices AD9239 Datasheet HTML 18Page - Analog Devices AD9239 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
AD9239
Data Sheet
95
90
85
80
75
70
65
60
55
50
45
0
50
100
150
200
250
300
350
400
450
500
AIN FREQUENCY (MHz)
SFDR (dB)
SNR (dB)
Figure 22. SNR/SFDR Amplitude vs. AIN Frequency, fSAMPLE = 170 MSPS
95
90
85
80
75
70
65
60
55
50
45
0
50
100
150
200
250
300
350
400
450
500
AIN FREQUENCY (MHz)
SFDR (dB)
SNR (dB)
Figure 23. SNR/SFDR Amplitude vs. AIN Frequency, fSAMPLE = 210 MSPS
95
90
85
80
75
70
65
60
55
50
45
0
50
100
150
200
250
300
350
400
450
500
AIN FREQUENCY (MHz)
SFDR (dB)
SNR (dB)
Figure 24. SNR/SFDR Amplitude vs. AIN Frequency, fSAMPLE = 250 MSPS
70
69
68
67
66
65
64
63
62
61
60
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
SNR, 210MSPS
SNR, 250MSPS
SNR, 170MSPS
Figure 25. SNR vs. Temperature, fIN = 84.3 MHz
90
85
80
75
70
65
60
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
SFDR, 250MSPS
SFDR, 210MSPS
SFDR, 170MSPS
Figure 26. SFDR vs. Temperature, fIN = 84.3 MHz
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
Figure 27. INL, fIN = 9.7 MHz, fSAMPLE = 250 MSPS
Rev. E | Page 14 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com