Electronic Components Datasheet Search
  English  ▼

X  

AD9239 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9239
Description  Serial Output 1.8 V ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9239 Datasheet HTML 21Page - Analog Devices AD9239 Datasheet HTML 22Page - Analog Devices AD9239 Datasheet HTML 23Page - Analog Devices AD9239 Datasheet HTML 24Page - Analog Devices AD9239 Datasheet HTML 25Page - Analog Devices AD9239 Datasheet HTML 26Page - Analog Devices AD9239 Datasheet HTML 27Page - Analog Devices AD9239 Datasheet HTML 28Page - Analog Devices AD9239 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
AD9239
Data Sheet
–200
–100
0
100
200
–30
–10
0
10
30
–0.5
0.5
TIME (ps)
TIME (ps)
ULS
400
600
200
0
–200
–400
–600
HEIGHT1: EYE DIAGRAM
TIE1: HISTOGRAM
TJ@BERI: BATHTUB
1
+
500
600
400
300
200
100
0
0.0001
0.01
1
1E–6
1E–8
1E–10
1E–12
1E–14
3
+
2
+
EYE: ALL BITS
OFFSET: 0.015
ULS: 5000: 40044, TOTAL: 12000: 80091
(y1)
(y2)
(Δy)
–375.023m
+409.847m
+784.671m
Figure 63. Digital Outputs Data Eye with Trace Lengths Less than 6 Inches on Standard FR-4, External 100 Ω Terminations at Receiver
–200
–100
0
100
200
–50
0
50
TIME (ps)
TIME (ps)
400
600
200
0
–200
–400
–600
250
300
200
150
100
50
0
HEIGHT1: EYE DIAGRAM
TIE1: HISTOGRAM
0
–0.5
0.5
ULS
0.0001
0.01
1
1E–6
1E–8
1E–10
1E–12
1E–14
TJ@BERI: BATHTUB
3
+
2
+
1
+
(y1)
(y2)
(Δy)
–402.016m
+398.373m
+800.389m
EYE: ALL BITS
OFFSET: 0.015
ULS: 5000: 40044, TOTAL 8000: 40044
Figure 64. Digital Outputs Data Eye with Trace Lengths Greater than 12 Inches on Standard FR-4, External 100 Ω Terminations at Receiver
An example of the digital output (default) data eye and a time
interval error (TIE) jitter histogram with trace lengths less than
6 inches on standard FR-4 material is shown in Figure 63.
Figure 64 shows an example of trace lengths exceeding 12 inches
on standard FR-4 material. Notice that the TIE jitter histogram
reflects the decrease of the data eye opening as the edge deviates
from the ideal position. It is the user’s responsibility to determine
if the waveforms meet the timing budget of the design when the
trace lengths exceed 6 inches.
Additional SPI options allow the user to further increase the
output driver voltage swing of all four outputs in order to drive
longer trace lengths (see Register 15 in Table 16). Even though
this produces sharper rise and fall times on the data edges and is
less prone to bit errors, the power dissipation of the DRVDD
supply increases when this option is used. See the Memory Map
section for more details.
The format of the output data is offset binary by default. An
example of the output coding format can be found in Table 10.
To change the output data format to twos complement or gray
code, see the Memory Map section.
Table 10. Digital Output Coding
Code
(VIN + x) − (VIN − x),
Input Span = 1.25 V p-p (V)
Digital Output Offset Binary
(D11 ... D0)
4095
+0.625
1111 1111 1111
2048
0.00
1000 0000 0000
2047
−0.000305
0111 1111 1111
0
−0.625
0000 0000 0000
Data from each ADC is serialized and provided on a separate
channel. The data rate for each serial stream is equal to N bits
times the sample clock rate, in addition to some amount of
overhead to account for the 8-bit header and error correction, for a
maximum of 3.36 Gbps (that is, 12 bits × 210 MSPS × 64/48 =
3.36 Gbps). The lowest typical clock rate is 100 MSPS. For clock
rates slower than 100 MSPS, refer to Register 21 in the SPI
Memory Map. This option allows the user to adjust the PLL
loop bandwidth in order to use clock rates as low as 50 MSPS.
Rev. E | Page 24 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com