Electronic Components Datasheet Search
  English  ▼

X  

AD9262 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9262
Description  30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262 Datasheet(HTML) 1 Page - Analog Devices

  AD9262 Datasheet HTML 1Page - Analog Devices AD9262 Datasheet HTML 2Page - Analog Devices AD9262 Datasheet HTML 3Page - Analog Devices AD9262 Datasheet HTML 4Page - Analog Devices AD9262 Datasheet HTML 5Page - Analog Devices AD9262 Datasheet HTML 6Page - Analog Devices AD9262 Datasheet HTML 7Page - Analog Devices AD9262 Datasheet HTML 8Page - Analog Devices AD9262 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to
160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9262
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
SNR: 83 dB (85 dBFS) to 10 MHz input
SFDR: −87 dBc to 10 MHz input
Noise figure: 15 dB
Input impedance: 1 kΩ
Power: 600 mW
1.8 V analog supply operation
1.8 V to 3.3 V output supply
Selectable bandwidth
2.5 MHz/5 MHz/10 MHz real
5 MHz/10 MHz/20 MHz complex
Output data rate: 30 MSPS to 160 MSPS
Integrated dc and quadrature correction
Integrated decimation filters
Integrated sample rate converter
On-chip PLL clock multiplier
On-chip voltage reference
Offset binary, Gray code, or twos complement data format
Serial control interface (SPI)
APPLICATIONS
Baseband quadrature receivers: CDMA2000, W-CDMA,
multicarrier GSM/EDGE, 802.16x, and LTE
Quadrature sampling instrumentation
Medical equipment
Radio detection and ranging (RADAR)
GENERAL DESCRIPTION
The AD9262 is a dual channel, 16-bit analog-to-digital conver-
ter (ADC) based on a continuous time (CT) sigma-delta (Σ-Δ)
architecture that achieves −87 dBc of dynamic range over a
10 MHz input bandwidth. The integrated features and characteris-
tics unique to the continuous time Σ-Δ architecture significantly
simplify its use and minimize the need for external components.
The AD9262 has a resistive input impedance that relaxes the
requirements of the driver amplifier. In addition, a 32× oversam-
pled fifth-order continuous time loop filter significantly attenuates
out-of-band signals and aliases, reducing the need for external
filters at the input.
An external clock input or the integrated integer-N PLL provides
the 640 MHz internal clock needed for the oversampled conti-
nuous time Σ-Δ modulator. On-chip decimation filters and sample
rate converters reduce the modulator data rate from 640 MSPS to a
user-defined output data rate between 30 MSPS and 160 MSPS,
enabling a more efficient and direct interface.
FUNCTIONAL BLOCK DIAGRAM
CT Σ-Δ
MODULATOR
LOW-PASS
DECIMATION
FILTER
VIN+A
AGND
SAMPLE
RATE
CONVERTER
CMOS
BUFFER
DGND
AD9262
DRVDD
AVDD
ORA
PHASE-
LOCKED
LOOP
SDIO SCLK
SERIAL
INTERFACE
CSB
QUADRATURE
ERROR
ESTIMATE
GAIN
ADJ
PHASE
ADJ
DC
CORRECT
DC
CORRECT
D15A
D0A
DCO
D15B
D0B
ORB
VIN–A
VREF
CFILT
VIN–B
VIN+B
CLK+
CLK–
CT Σ-Δ
MODULATOR
LOW-PASS
DECIMATION
FILTER
SAMPLE
RATE
CONVERTER
CMOS
BUFFER
Figure 1
The AD9262 incorporates an integrated dc correction and
quadrature estimation block that corrects for gain and phase
mismatch between the two channels. This functional block
proves invaluable in complex signal processing applications
such as direct conversion receivers.
The digital output data is presented in offset binary, Gray code,
or twos complement format. A data clock output (DCO) is
provided to ensure proper timing with the receiving logic. The
AD9262 has the added feature of interleaving Channel A and
Channel B data onto one 16-bit bus, simplifying on-board routing.
The ADC is available in three different bandwidth options of
2.5 MHz, 5 MHz, and 10 MHz, and operates on a 1.8 V analog
supply and a 1.8 V to 3.3 V digital supply, consuming 600 mW.
The AD9262 is available in a 64-lead LFCSP and is specified
over the industrial temperature range (−40°C to +85°C).
PRODUCT HIGHLIGHTS
1.
Continuous time Σ-Δ architecture efficiently achieves high
dynamic range and wide bandwidth.
2.
Passive input structure reduces or eliminates the require-
ments for a driver amplifier.
3.
An oversampling ratio of 32× and high order loop filter
provide excellent alias rejection reducing or eliminating the
need for antialiasing filters.
4.
An integrated decimation filter, sample rate converter, PLL
clock multiplier, and voltage reference provide ease of use.
5.
Integrated dc correction and quadrature error correction.
6.
Operates from a single 1.8 V analog power supply and
1.8 V to 3.3 V output supply.


Similar Part No. - AD9262

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9262 AD-AD9262 Datasheet
1Mb / 32P
16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
REV. A
AD9262-10EBZ AD-AD9262-10EBZ Datasheet
1Mb / 32P
16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
REV. A
AD9262-5EBZ AD-AD9262-5EBZ Datasheet
1Mb / 32P
16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
REV. A
AD9262BCPZ AD-AD9262BCPZ Datasheet
1Mb / 32P
16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
REV. A
AD9262BCPZ-10 AD-AD9262BCPZ-10 Datasheet
1Mb / 32P
16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
REV. A
More results

Similar Description - AD9262

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7723 AD-AD7723 Datasheet
435Kb / 23P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV.0
AD9049 AD-AD9049 Datasheet
295Kb / 12P
9-Bit, 30 MSPS ADC
REV.A
AD9267 AD-AD9267 Datasheet
531Kb / 24P
10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
REV. 0
AD7723BSZ AD-AD7723BSZ Datasheet
751Kb / 32P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723 AD-AD7723_15 Datasheet
751Kb / 32P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD9262 AD-AD9262 Datasheet
1Mb / 32P
16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
REV. A
logo
Texas Instruments
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
45 MSPS Sigma-Delta Analog-to-Digital Converter
logo
Analog Devices
AD9261 AD-AD9261 Datasheet
577Kb / 29P
16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
Rev. 0
AD9267 AD-AD9267_17 Datasheet
555Kb / 25P
Dual Continuous Time Sigma-Delta Modulator
Rev. 0
AD7723 AD-AD7723_17 Datasheet
548Kb / 33P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
02/23/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com