Electronic Components Datasheet Search
  English  ▼

X  

AD9262 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9262
Description  30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9262 Datasheet HTML 8Page - Analog Devices AD9262 Datasheet HTML 9Page - Analog Devices AD9262 Datasheet HTML 10Page - Analog Devices AD9262 Datasheet HTML 11Page - Analog Devices AD9262 Datasheet HTML 12Page - Analog Devices AD9262 Datasheet HTML 13Page - Analog Devices AD9262 Datasheet HTML 14Page - Analog Devices AD9262 Datasheet HTML 15Page - Analog Devices AD9262 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
AD9262
Rev. A | Page 11 of 32
AD9262BCPZ-5
–160
–140
–120
–100
–80
–60
–40
–20
0
0
2
4
6
8
10
12
1416
1820
FREQUENCY (MHz)
BANDWIDTH: 5MHz
DATA RATE: 40MSPS
fIN: 1.2MHz AT –2dBFS
SNR: 85.3dB
SFDR: 87.1dBc
Figure 10. AD9262BCPZ-5 Single-Tone FFT with fIN = 1.2 MHz
–160
–140
–120
–100
–80
–60
–40
–20
0
0
2
4
6
8
10
121416
1820
FREQUENCY (MHz)
BANDWIDTH: 5MHz
DATA RATE: 40MSPS
fIN: 2.4MHz AT –2dBFS
SNR: 85.7dB
SFDR: 87.4dBc
Figure 11. AD9262BCPZ-5 Single-Tone FFT with fIN = 2.4 MHz
–160
–140
–120
–100
–80
–60
–40
–20
0
0
2
4
6
8
10
121416
1820
FREQUENCY (MHz)
BANDWIDTH: 5MHz
DATA RATE: 40MSPS
fIN: 4.2MHz AT –2dBFS
SNR: 85.7dB
SFDR: 104.9dBc
Figure 12. AD9262BCPZ-5 Single-Tone FFT with fIN = 4.2 MHz
0
20
40
60
80
100
120
–100 –90
–80
–70
–60
–50
–40
–30
–20
–10
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SNR (dBFS)
SFDR (dBFS)
SNR (dB)
Figure 13. AD9262BCPZ-5 Single-Tone SNR and SFDR vs. Input Amplitude with
fIN = 1.2 MHz
–160
–140
–120
–100
–80
–60
–40
–20
0
0
2
4
6
8
10
12
1416
1820
FREQUENCY (MHz)
BANDWIDTH: 5MHz
DATA RATE: 40MSPS
fIN1: 1.8MHz AT –8dBFS
fIN2: 2.1MHz AT –8dBFS
SFDR: –92.8dBc
Figure 14. AD9262BCPZ-5 Two-Tone FFT with fIN1 = 1.8 MHz, fIN2 = 2.1 MHz
–120
–100
–80
–60
–40
–20
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
Figure 15. AD9262BCPZ-5 Two-Tone SFDR/IMD3 vs. Input Amplitude
with fIN1 = 2.1 MHz, fIN2 = 2.4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com