Electronic Components Datasheet Search
  English  ▼

X  

AD9262 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9262
Description  30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9262 Datasheet HTML 25Page - Analog Devices AD9262 Datasheet HTML 26Page - Analog Devices AD9262 Datasheet HTML 27Page - Analog Devices AD9262 Datasheet HTML 28Page - Analog Devices AD9262 Datasheet HTML 29Page - Analog Devices AD9262 Datasheet HTML 30Page - Analog Devices AD9262 Datasheet HTML 31Page - Analog Devices AD9262 Datasheet HTML 32Page - Analog Devices AD9262 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
AD9262
Rev. A | Page 31 of 32
Register
Address
Bit(s)
Mnemonic
Default
Description
Output Modes
0x14
7
DRVSTD
0
0: 3.3 V
1: 1.8 V
5
Interleave
0
1: interleave both channels onto D[15:0]A
4
OUTENB
0
1: data outputs tristated
2
OUTINV
0
1: data outputs bitwise inverted
[1:0]
Format
0
0: offset binary
1: twos complement
2: Gray code
3: offset binary
Output Adjust
0x15
[3:2]
DRVSTR33
0
Typical output sink current to DGND
0: 33 mA
1: 63 mA
2: 93 mA
3: 120 mA
[1:0]
DRVSTR18
2
Typical output sink current to DGND
0: 10 mA
1: 20 mA
2: 30 mA
3: 39 mA
Output Clock
0x16
7
DCOINV
0
1: invert DCO
Reference
0x18
6
EXTREF
0
1: use external reference
Output Data
0x101
6
QEC
0
1: enable quadrature error correction
[5:0]
KOUT
0
Output data rate, see Table 18
Overrange
0x111
7
AUTORST
0
1: enable loop filter reset indicator on ORx pin
6
OR_IND
0
Refer to Table 21
[5:0]
ORTHRESH
0
Refer to Table 20
QEC1
0x112
5
DCFRZ
0
1: freeze dc correction coefficients
4
PHASEFRZ
0
1: freeze phase correction coefficients
3
GAINFRZ
0
1: freeze gain correction coefficients
2
DCENB
0
1: disable dc correction
1
PHASEENB
0
1: disable phase correction
0
GAINENB
0
1: disable gain correction
QEC2
0x113
2
DCFRC
0
1: force dc correction coefficients to initial static values
1
PHASEFRC
0
1: force phase correction coefficients to initial static values
0
GAINFRC
0
1: force gain correction coefficients to initial static values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com