Electronic Components Datasheet Search
  English  ▼

X  

AD9262 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9262
Description  30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9262 Datasheet HTML 13Page - Analog Devices AD9262 Datasheet HTML 14Page - Analog Devices AD9262 Datasheet HTML 15Page - Analog Devices AD9262 Datasheet HTML 16Page - Analog Devices AD9262 Datasheet HTML 17Page - Analog Devices AD9262 Datasheet HTML 18Page - Analog Devices AD9262 Datasheet HTML 19Page - Analog Devices AD9262 Datasheet HTML 20Page - Analog Devices AD9262 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AD9262
Rev. A | Page 16 of 32
THEORY OF OPERATION
The AD9262 uses a continuous time Σ-Δ modulator to convert
the analog input to a digital word. The digital word is processed
by the decimation filter and rate-adjusted by the sample rate
converter (see Figure 37). The modulator consists of a continuous
time loop filter preceding a quantizer that samples at fMOD =
640 MSPS. This produces an oversampling ratio (OSR) of 32 for
a 10 MHz input bandwidth. The output of the quantizer is fed
back to a DAC that ideally cancels the input signal. The incom-
plete input cancellation residue is filtered by the loop filter and
is used to form the next quantizer sample.
H(f)
LOOP FILTER
QUANTIZER
+
–
ADC
MODULATOR
DECIMATION
FILTER
SAMPLE RATE
CONVERTER
SRC
Figure 37. Σ-Δ Modulator Overview
The quantizer produces a nine-level digital word. The quantization
noise is spread uniformly over the Nyquist band (see Figure 38),
but the feedback loop causes the quantization noise present in
the nine-level output to have a nonuniform spectral shape. This
noise-shaping technique (see Figure 39) pushes the in-band
noise out of band; therefore, the amount of quantization noise
in the frequency band of interest is minimal.
The digital decimation filter that follows the modulator removes
the large out-of-band quantization noise (see Figure 40), while
also reducing the data rate from fMOD to fMOD/16. If the internal
PLL is enabled, the sample rate converter generates samples at
the same frequency as the input clock frequency. If the internal
PLL is disabled, the sample rate converter can be programmed
to give an output frequency that is a divide ratio of the modulator
clock. The sample rate converter is designed to attenuate images
outside the band of interest (see Figure 41).
QUANTIZATION NOISE
fMOD/2
BAND OF INTEREST
Figure 38. Quantization Noise
NOISE SHAPING
BAND OF INTEREST
fMOD/2
Figure 39. Noise Shaping
fMOD/32
fMOD/16
BAND OF INTEREST
DIGITAL FILTER CUTOFF FREQUENCY
Figure 40. Digital Filter Cutoff Frequency
fMOD/16
fOUT/2
fOUT
BAND OF INTEREST
Figure 41. Sample Rate Converter
ANALOG INPUT CONSIDERATIONS
The continuous time modulator removes the need for an anti-
alias filter at the input to the AD9262. A discrete time converter
aliases signals around the sample clock frequency and its multiples
to the band of interest (see Figure 42). Therefore, an external
antialias filter is needed to reject these signals.
DESIRED
INPUT
UNDESIRED
SIGNAL
ADC
fS
fS/2
Figure 42. Discrete Time Converter
In contrast, the continuous time Σ-Δ modulator used within the
AD9262 has inherent antialiasing. The antialiasing property
results from sampling occurring at the output of the loop filter
(see Figure 43), and thus aliasing occurs at the same point in the
loop as quantization noise is injected; aliases are shaped by the
same mechanism as quantization noise. The quantization noise
transfer function, NTF(f), has zeros in the band of interest and in
all alias bands because NTF(f) is a discrete time transfer function,
whereas the loop filter transfer function, LF(f), is a continuous
time transfer function, which introduces poles only in the band
of interest. The signal transfer function, being the product of
NTF(f) and LF(f), only has zeros in alias bands and therefore
suppresses all aliases.
LF(f)
H(z)
QUANTIZATION
NOISE
INP UT
OUTPUT
LOOP FILTER
fMOD
fMOD
fMOD
f
NTF(f)
L F(f)
Figure 43. Continuous Time Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com