Electronic Components Datasheet Search
  English  ▼

X  

AD9262 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9262
Description  30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9262 Datasheet HTML 19Page - Analog Devices AD9262 Datasheet HTML 20Page - Analog Devices AD9262 Datasheet HTML 21Page - Analog Devices AD9262 Datasheet HTML 22Page - Analog Devices AD9262 Datasheet HTML 23Page - Analog Devices AD9262 Datasheet HTML 24Page - Analog Devices AD9262 Datasheet HTML 25Page - Analog Devices AD9262 Datasheet HTML 26Page - Analog Devices AD9262 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AD9262
Rev. A | Page 22 of 32
Sample Rate Converter
The sample rate converter (SRC) allows the flexibility of a
user-defined output sample rate, enabling a more efficient
and direct interface to the digital receiver blocks.
The sample rate converter performs an interpolation and
resampling procedure to provide an output data rate of
20 MSPS to 168 MSPS. Table 16 and Table 17 detail the
coefficients for the INT1 and INT2 filters. The sinc filters
are a standard implementation.
The relationship between the output sample rate and the Σ-Δ
modulator clock rate is expressed as follows:
fOUT = fMOD ÷ KOUT
Table 18 shows the available KOUT conversion factors.
Table 16. INT1 Filter Coefficients
Coefficient
Number
Coefficient
Coefficient
Number
Coefficient
C0, C26
15
C7, C19
0
C1, C25
0
C8, C18
2450
C2, C24
−97
C9, C17
0
C3, C23
0
C10, C16
−5761
C4, C22
361
C11, C15
0
C5, C21
0
C12, C14
20,433
C6, C20
−1017
C13
32,768
Table 17. INT2 Filter Coefficients
Coefficient
Number
Coefficient
Coefficient
Number
Coefficient
C0, C14
−27
C4, C10
−1032
C1, C13
0
C5, C9
0
C2, C12
227
C6, C8
4928
C3, C11
0
C7
8192
If the main clocking source of the AD9262 is provided by the
PLL, it is important, once the PLL has been programmed and
locked, to initiate an SRC reset before programming the desired
KOUT factor. This is done by first writing 0x101[5:0] = 0 and
then rewriting to the same register with the appropriate KOUT
value. In addition, if the AD9262 loses its clock source and then
later regains it, an SRC reset should be initiated.
Table 18. SRC Conversion Factors
0x101[5:0]
KOUT
0x101[5:0]
KOUT
0x101[5:0]
KOUT
0
SRC reset
22
11
44
22
1
4
23
11.5
45
22.5
2
4
24
12
46
23
3
4
25
12.5
47
23.5
4
4
26
13
48
24
5
4
27
13.5
49
24.5
6
4
28
14
50
25
7
4
29
14.5
51
25.5
8
4
30
15
52
26
9
4.5
31
15.5
53
26.5
10
5
32
16
54
27
11
5.5
33
16.5
55
27.5
12
6
34
17
56
28
13
6.5
35
17.5
57
28.5
14
7
36
18
58
29
15
7.5
37
18.5
59
29.5
16
8
38
19
60
30
17
8.5
39
19.5
61
30.5
18
9
40
20
62
31
19
9.5
41
20.5
63
31.5
20
10
42
21
21
10.5
43
21.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com