Electronic Components Datasheet Search
  English  ▼

X  

AD9262 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9262
Description  30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9262 Datasheet HTML 11Page - Analog Devices AD9262 Datasheet HTML 12Page - Analog Devices AD9262 Datasheet HTML 13Page - Analog Devices AD9262 Datasheet HTML 14Page - Analog Devices AD9262 Datasheet HTML 15Page - Analog Devices AD9262 Datasheet HTML 16Page - Analog Devices AD9262 Datasheet HTML 17Page - Analog Devices AD9262 Datasheet HTML 18Page - Analog Devices AD9262 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
AD9262
Rev. A | Page 14 of 32
78.0
78.5
79.0
79.5
80.0
80.5
81.0
81.5
82.0
82.5
83.0
1.0
4.0
4.5
5.0
6.0
7.0
7.5
8.0
8.5
9.0
10.0
10.5
12.0
12.5
14.0
15.0
16.0
17.0
21.0
PLL DIVIDE RATIO
fIN = 2.4MHz
fIN = 8.4MHz
Figure 28. AD9262BCPZ-10 Single-Tone SNR vs. PLL Divide Ratio
0
8192
16,384 24,576 32,768 40,960 49,152 57,344 65,536
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
OUTPUT CODE
Figure 29. AD9262BCPZ-10 INL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com