Electronic Components Datasheet Search
  English  ▼

X  

AD9229 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9229
Description  Serial, LVDS, 3 V A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9229 Datasheet HTML 33Page - Analog Devices AD9229 Datasheet HTML 34Page - Analog Devices AD9229 Datasheet HTML 35Page - Analog Devices AD9229 Datasheet HTML 36Page - Analog Devices AD9229 Datasheet HTML 37Page - Analog Devices AD9229 Datasheet HTML 38Page - Analog Devices AD9229 Datasheet HTML 39Page - Analog Devices AD9229 Datasheet HTML 40Page - Analog Devices AD9229 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
AD9229
Rev. B | Page 38 of 40
Item
Qnty.
per
Board
REFDES
Device
Pkg.
Value
Mfg.
Mfg. Part Number
41
4
R305, R308, R404, R407,
R500
Resistor
402
374 Ω, 1/16 W,
1% tol
Panasonic
ERJ-2RKF3740X
42
4
R315, R316, R412, R413
Resistor
402
274 Ω, 1/16 W,
1% tol
Panasonic
ERJ-2RKF2740X
43
4
T101, T102, T103, T104
Transforme
r
CD542
ADT1-1WT, 1:1
impedance ratio
transformer
Mini-Circuits
ADT1-1WT
44
2
U501, U503
IC
SOT-223
ADP33339AKC-3,
1.5 A, 3.0 V LDO
regulator
ADI
ADP33339AKC-3
45
2
U301, U401
IC
LFCSP, CP-
32
AD8332ACP,
ultralow noise
precision dual VGA
ADI
AD8332ACP
46
1
U502
IC
SOT-223
ADP33339AKC-5
ADI
ADP33339AKC-5
47
1
U201
IC
LFCSP, CP-
48-1
AD9229-65, quad
12-bit, 65 MSPS
serial LVDS 3 V ADC
ADI
AD9229ABCPZ-65
48
1
U203
IC
SOT-23
ADR510AR, 1.0 V,
precision low noise
shunt voltage
reference
ADI
ADR510AR
49
1
U202
IC
TSSOP
74VHC04MTC, hex
inverter
Fairchild
74VHC04MTC
50
4
MP101-104
Part of
assembly
CBSB-14-01A-RT,
7/8" height,
standoffs for circuit
board support
Richco
CBSB-14-01A-RT
51
4
MP105-108
Part of
assembly
SNT-100-BK-G-H,
100 mil jumpers
Samtec
SNT-100-BK-G-H
52
4
MP109-112
Part of
assembly
5-330808-3, pin
sockets, closed end
for OSC200
AMP
5-330808-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com