Electronic Components Datasheet Search
  English  ▼

X  

AD9229 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9229
Description  Serial, LVDS, 3 V A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9229 Datasheet HTML 8Page - Analog Devices AD9229 Datasheet HTML 9Page - Analog Devices AD9229 Datasheet HTML 10Page - Analog Devices AD9229 Datasheet HTML 11Page - Analog Devices AD9229 Datasheet HTML 12Page - Analog Devices AD9229 Datasheet HTML 13Page - Analog Devices AD9229 Datasheet HTML 14Page - Analog Devices AD9229 Datasheet HTML 15Page - Analog Devices AD9229 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
AD9229
Rev. B | Page 11 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
0
–20
–40
–60
–80
–120
–100
0
8.1
4.1
12.2
16.3
20.3
24.4
28.4
32.5
AIN = –0.5dBFS
SNR = 70.4dB
ENOB = 11.4 BITS
SFDR = 85.8dBC
Figure 9. Single-Tone 32k FFT with fIN = 2.4 MHz, fSAMPLE = 65 MSPS
FREQUENCY (MHz)
0
–20
–40
–60
–80
–120
–100
0
8.1
4.1
12.2
16.3
20.3
24.4
28.4
32.5
AIN = –0.5dBFS
SNR = 69.6dB
ENOB = 11.3 BITS
SFDR = 82.4dBC
Figure 10. Single-Tone 32k FFT with fIN = 30 MHz, fSAMPLE = 65 MSPS
FREQUENCY (MHz)
0
–20
–40
–60
–80
–120
–100
0
8.1
4.1
12.2
16.3
20.3
24.4
28.4
32.5
AIN = –0.5dBFS
SNR = 68.5dB
ENOB = 11.1 BITS
SFDR = 81.3dBC
Figure 11. Single-Tone 32k FFT with fIN = 70 MHz, fSAMPLE = 65 MSPS
FREQUENCY (MHz)
0
–20
–40
–60
–80
–120
–100
0
8.1
4.1
12.2
16.3
20.3
24.4
28.4
32.5
AIN = –0.5dBFS
SNR = 68.1dB
ENOB = 11.0 BITS
SFDR = 77.0dBC
Figure 12. Single-Tone 32k FFT with fIN = 120 MHz, fSAMPLE = 65 MSPS
ENCODE (MSPS)
90
85
80
75
70
60
65
10
20
15
25
30
35
40
45
50
2V p-p, SNR (dB)
1V p-p, SFDR (dBc)
1V p-p, SNR (dB)
2V p-p, SFDR (dBc)
AIN = –0.5dBFS
Figure 13. SNR/SFDR vs. fSAMPLE, fIN = 10.3 MHz, fSAMPLE = 50 MSPS
ENCODE (MSPS)
90
85
80
75
70
60
65
10
20
15
25
30
35
40
45
50
2V p-p, SNR (dB)
1V p-p, SFDR (dBc)
1V p-p, SNR (dB)
2V p-p, SFDR (dBc)
AIN = –0.5dBFS
Figure 14. SNR/SFDR vs. fSAMPLE, fIN = 25 MHz, fSAMPLE = 50 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com