Electronic Components Datasheet Search
  English  ▼

X  

AD9229 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9229
Description  Serial, LVDS, 3 V A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9229 Datasheet HTML 12Page - Analog Devices AD9229 Datasheet HTML 13Page - Analog Devices AD9229 Datasheet HTML 14Page - Analog Devices AD9229 Datasheet HTML 15Page - Analog Devices AD9229 Datasheet HTML 16Page - Analog Devices AD9229 Datasheet HTML 17Page - Analog Devices AD9229 Datasheet HTML 18Page - Analog Devices AD9229 Datasheet HTML 19Page - Analog Devices AD9229 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
AD9229
Rev. B | Page 15 of 40
FREQUENCY (MHz)
0
–6
–5
–7
–8
–2
–1
–3
–4
0
450
500
400
350
300
250
200
150
100
50
Figure 33. Full Power Bandwidth vs. Frequency, fSAMPLE = 65 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com