Electronic Components Datasheet Search
  English  ▼

X  

AD9229 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9229
Description  Serial, LVDS, 3 V A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9229 Datasheet HTML 6Page - Analog Devices AD9229 Datasheet HTML 7Page - Analog Devices AD9229 Datasheet HTML 8Page - Analog Devices AD9229 Datasheet HTML 9Page - Analog Devices AD9229 Datasheet HTML 10Page - Analog Devices AD9229 Datasheet HTML 11Page - Analog Devices AD9229 Datasheet HTML 12Page - Analog Devices AD9229 Datasheet HTML 13Page - Analog Devices AD9229 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
AD9229
Rev. B | Page 9 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
DRGND
DRVDD
NC
DTP
AVDD
AGND
PDWN
AVDD
AGND
VIN+A
VIN–A
AGND
DRVDD
LVDSBIAS
AGND
AVDD
AGND
CLK
AVDD
AGND
VIN+D
VIN–D
AGND
35
DRGND
36
34
33
32
31
30
29
28
27
26
25
AD9229
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
EXPOSED PADDLE, PIN 0
(Bottom of Package)
NC = NO CONNECT
Figure 3. LFCSP Top View
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
5, 8, 16, 21,
29, 32
AVDD
Analog Supply
6, 9, 12, 15, 22,
25, 28, 31, 33
AGND
Analog Ground
2, 35
DRVDD
Digital Output Supply
1, 36
DRGND
Digital Ground
0
AGND
Exposed Paddle/Thermal Heat
Slug (Located on Bottom of
Package)
3
NC
No Connect
4
DTP
Digital Test Pattern Enable
7
PDWN
Power-Down Selection (AVDD =
Power Down)
10
VIN+A
ADC A Analog Input—True
11
VIN–A
ADC A Analog Input—
Complement
13
VIN–B
ADC B Analog Input—
Complement
14
VIN+B
ADC B Analog Input—True
17
SENSE
Reference Mode Selection
18
VREF
Voltage Reference Input/Output
19
REFB
Differential Reference (Bottom)
20
REFT
Differential Reference (Top)
23
VIN+C
ADC C Analog Input—True
24
VIN–C
ADC C Analog Input—
Complement
Pin No.
Mnemonic
Description
26
VIN–D
ADC D Analog Input—
Complement
27
VIN+D
ADC D Analog Input—True
30
CLK
Input Clock
34
LVDSBIAS
LVDS Output Current Set
Resistor Pin
37
D–D
ADC D Complement Digital
Output
38
D+D
ADC D True Digital Output
39
D–C
ADC C Complement Digital
Output
40
D+C
ADC C True Digital Output
41
D–B
ADC B Complement Digital
Output
42
D+B
ADC B True Digital Output
43
D–A
ADC A Complement Digital
Output
44
D+A
ADC A True Digital Output
45
FCO–
Frame Clock Indicator—
Complement Output
46
FCO+
Frame Clock Indicator—True
Output
47
DCO–
Data Clock Output—
Complement
48
DCO+
Data Clock Output—True



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com