Electronic Components Datasheet Search
  English  ▼

X  

AD9289 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9289
Description  Serial LVDS 3 V A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9289 Datasheet HTML 3Page - Analog Devices AD9289 Datasheet HTML 4Page - Analog Devices AD9289 Datasheet HTML 5Page - Analog Devices AD9289 Datasheet HTML 6Page - Analog Devices AD9289 Datasheet HTML 7Page - Analog Devices AD9289 Datasheet HTML 8Page - Analog Devices AD9289 Datasheet HTML 9Page - Analog Devices AD9289 Datasheet HTML 10Page - Analog Devices AD9289 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AD9289
Rev. 0 | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
With
Respect
To
Min
Max
Unit
ELECTRICAL
AVDD
AGND
–0.3
+3.9
V
DRVDD
DRGND
–0.3
+3.9
V
AGND
DRGND
–0.3
+0.3
V
AVDD
DRVDD
–3.9
+3.9
V
Digital Outputs (D1+,
D1–, DCO+, DCO–,
FCO+, FCO–)
DRGND
–0.3
DRVDD
V
LOCK, LVDSBIAS
DRGND
–0.3
DRVDD
V
CLK+, CLK–
AGND
–0.3
AVDD
V
VIN+, VIN–
AGND
–0.3
AVDD
V
PDWN, DFS, DTP
AGND
–0.3
AVDD
V
REFT, REFB,
SHARED_REF, CML
AGND
–0.3
AVDD
V
VREF, SENSE
AGND
–0.3
AVDD
V
ENVIRONMENTAL
Operating
Temperature Range
(Ambient)
–40
+85
°C
Maximum Junction
Temperature
150
°C
Lead Temperature
(Soldering, 10 sec)
300
°C
Storage
Temperature Range
(Ambient)
–65
+150
°C
Thermal
Impedance1
40
°C/W
EXPLANATION OF TEST LEVELS
I. 100% production tested.
II.
100% production tested at 25°C and guaranteed by design
and characterization at specified temperatures.
III.
Sample tested only.
IV. Parameter is guaranteed by design and characterization
testing.
V. Parameter is a typical value only.
VI.
100% production tested at 25°C and guaranteed by design
and characterization for industrial temperature range.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1 θJA for a 4-layer PCB with solid ground plane in still air.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com