Electronic Components Datasheet Search
  English  ▼

X  

AD9289 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9289
Description  Serial LVDS 3 V A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9289 Datasheet HTML 25Page - Analog Devices AD9289 Datasheet HTML 26Page - Analog Devices AD9289 Datasheet HTML 27Page - Analog Devices AD9289 Datasheet HTML 28Page - Analog Devices AD9289 Datasheet HTML 29Page - Analog Devices AD9289 Datasheet HTML 30Page - Analog Devices AD9289 Datasheet HTML 31Page - Analog Devices AD9289 Datasheet HTML 32Page - Analog Devices AD9289 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
AD9289
Rev. 0 | Page 30 of 32
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-205-BA
A
BOTTOM VIEW
87
65
4
3
21
5.60
BSC SQ
0.80
BSC
A1 CORNER
INDEX AREA
TOP VIEW
SEATING
PLANE
DETAIL A
BALL DIAMETER
0.34 NOM
0.25 MIN
0.55
0.50
0.45
COPLANARITY
0.12
1.31
1.21
1.10
8.00
BSC SQ
BALL A1
INDICATOR
DETAIL A
1.70
1.55
1.35
B
C
D
E
F
G
H
Figure 48. 64-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-64-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9289BBC
–40°C to +85°C
64-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
BC-64-1
AD9289-65EB
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com