Electronic Components Datasheet Search
  English  ▼

X  

AD9289 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9289
Description  Serial LVDS 3 V A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9289 Datasheet HTML 15Page - Analog Devices AD9289 Datasheet HTML 16Page - Analog Devices AD9289 Datasheet HTML 17Page - Analog Devices AD9289 Datasheet HTML 18Page - Analog Devices AD9289 Datasheet HTML 19Page - Analog Devices AD9289 Datasheet HTML 20Page - Analog Devices AD9289 Datasheet HTML 21Page - Analog Devices AD9289 Datasheet HTML 22Page - Analog Devices AD9289 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AD9289
Rev. 0 | Page 18 of 32
10
µF
0.1
µF
VREF
VREF
SENSE
0.5V
CONTROL
REFT_A
0.1
µF
0.1
µF
10
µF
0.1
µF
REFB_A
SELECT
LOGIC
AVDD
A CORE
B CORE
+
VREF
VIN–C (–D)
SHARED_REF
VIN+C (+D)
REFT_B
0.1
µF
0.1
µF
10
µF
REFB_B
C CORE
D CORE
+
VIN–A (–B)
VIN+A (+B)
Figure 32. Shared Reference Mode Enabled
10
µF
0.1
µF
VREF
VREF
SENSE
0.5V
CONTROL
REFT_A
0.1
µF
0.1
µF
10
µF
0.1
µF
REFB_A
SELECT
LOGIC
A CORE
B CORE
+
VREF
SHARED_REF
REFT_B
0.1
µF
0.1
µF
10
µF
REFB_B
C CORE
D CORE
+
VIN–C (–D)
VIN+C (+D)
VIN–A (–B)
VIN+A (+B)
Figure 33. Internal Reference Configuration
10
µF
0.1
µF
VREF
VREF
SENSE
0.5V
R2
R1
CONTROL
REFT_A
0.1
µF
0.1
µF
10
µF
0.1
µF
REFB_A
SELECT
LOGIC
A CORE
B CORE
+
VREF
SHARED_REF
REFT_B
0.1
µF
0.1
µF
10
µF
REFB_B
C CORE
D CORE
+
VIN–C (–D)
VIN+C (+D)
VIN–A (–B)
VIN+A (+B)
Figure 34. Programmable Reference Configuration
If the internal reference of the AD9289 is used to drive multiple
converters to improve gain matching, the loading of the refer-
ence by the other converters must be considered. Figure 35
depicts how the internal reference voltage is affected by loading.
ILOAD (mA)
0.05
0
–0.15
–0.10
–0.05
–0.20
–0.25
–0.30
–0.35
–0.40
0
1.0
0.5
2.0
1.5
2.5
VREF = 0.5V
VREF = 1.0V
Figure 35. VREF Accuracy vs. Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com