Electronic Components Datasheet Search
  English  ▼

X  

AD9289 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9289
Description  Serial LVDS 3 V A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9289 Datasheet HTML 8Page - Analog Devices AD9289 Datasheet HTML 9Page - Analog Devices AD9289 Datasheet HTML 10Page - Analog Devices AD9289 Datasheet HTML 11Page - Analog Devices AD9289 Datasheet HTML 12Page - Analog Devices AD9289 Datasheet HTML 13Page - Analog Devices AD9289 Datasheet HTML 14Page - Analog Devices AD9289 Datasheet HTML 15Page - Analog Devices AD9289 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
AD9289
Rev. 0 | Page 11 of 32
TEMPERATURE (
°C)
75
70
60
65
55
50
45
–40
–20
20
060
49
80
2V p-p, SINAD (dB)
1V p-p, SINAD (dB)
2V p-p, SFDR (dBc)
1V p-p, SFDR (dBc)
Figure 21. SINAD/SFDR vs. Temperature, fSAMPLE = 65 MSPS, fIN 10.3 MHz
TEMPERATURE (
°C)
15
10
0
5
–5
–10
–15
–40
–20
20
060
49
80
SHARED REF MODE
(PIN TIED HIGH)
SHARED REF MODE
(PIN TIED LOW)
Figure 22. Gain vs. Temperature
CODE
0.5
0.4
0
0.1
0.2
0.3
–0.1
–0.2
–0.3
–0.4
–0.5
0
32
128
96
64
192
160
224
256
Figure 23. Typical DNL, fIN = 2.4 MHz, fSAMPLE = 65 MSPS
CODE
0.5
0.4
0
0.1
0.2
0.3
–0.1
–0.2
–0.3
–0.4
–0.5
0
32
128
96
64
192
160
224
256
Figure 24. Typical INL, fIN = 2.4 MHz, fSAMPLE = 65 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com