Electronic Components Datasheet Search
  English  ▼

X  

AD9289 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9289
Description  Serial LVDS 3 V A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9289 Datasheet HTML 6Page - Analog Devices AD9289 Datasheet HTML 7Page - Analog Devices AD9289 Datasheet HTML 8Page - Analog Devices AD9289 Datasheet HTML 9Page - Analog Devices AD9289 Datasheet HTML 10Page - Analog Devices AD9289 Datasheet HTML 11Page - Analog Devices AD9289 Datasheet HTML 12Page - Analog Devices AD9289 Datasheet HTML 13Page - Analog Devices AD9289 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
AD9289
Rev. 0 | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
0.0
4.1
12.2
8.1
20.3
16.3
24.4
28.4
32.5
AIN = –0.5dBFS
SNR = 49.08dB
ENOB = 7.86 BITS
SFDR = 70.55dBc
Figure 9. Single-Tone 32k FFT With fIN = 2.4 MHz, fSAMPLE = 65 MSPS
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
0.0
4.1
12.2
8.1
20.3
16.3
24.4
28.4
32.5
AIN = –0.5dBFS
SNR = 48.93dB
ENOB = 7.83 BITS
SFDR = 71.45dBc
Figure 10. Single-Tone 32k FFT With fIN = 10.3 MHz, fSAMPLE = 65 MSPS
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
0.0
4.1
12.2
8.1
20.3
16.3
24.4
28.4
32.5
AIN = –0.5dBFS
SNR = 48.8dB
ENOB = 7.8 BITS
SFDR = 68.5dBc
Figure 11. Single-Tone 32k FFT With fIN = 35 MHz, fSAMPLE = 65 MSP
ENCODE (MSPS)
75
70
60
65
55
50
45
10
20
40
30
60
50
70
AIN = –0.5dBFS
2V p-p, SNR (dB)
2V p-p, SFDR (dBc)
1V p-p, SNR (dB)
1V p-p, SFDR (dBc)
Figure 12. SNR/SFDR vs. fSAMPLE, fIN = 2.4 MHz
ENCODE (MSPS)
75
70
60
65
55
50
45
10
20
40
30
60
50
70
AIN = –0.5dBFS
2V p-p, SNR (dB)
1V p-p, SNR (dB)
2V p-p, SFDR (dBc)
1V p-p, SFDR (dBc)
Figure 13. SNR/SFDR vs. fSAMPLE, fIN = 10.3 MHz
ENCODE (MSPS)
75
70
60
65
55
50
45
10
20
40
30
60
50
70
AIN = –0.5dBFS
2V p-p, SNR (dB)
2V p-p, SFDR (dBc)
1V p-p, SNR (dB)
1V p-p, SFDR (dBc)
Figure 14. SNR/SFDR vs. fSAMPLE, fIN = 35 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com