Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara Processors
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 55 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 51Page - Texas Instruments AM3359 Datasheet HTML 52Page - Texas Instruments AM3359 Datasheet HTML 53Page - Texas Instruments AM3359 Datasheet HTML 54Page - Texas Instruments AM3359 Datasheet HTML 55Page - Texas Instruments AM3359 Datasheet HTML 56Page - Texas Instruments AM3359 Datasheet HTML 57Page - Texas Instruments AM3359 Datasheet HTML 58Page - Texas Instruments AM3359 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 253 page
background image
55
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Terminal Configuration and Functions
Copyright © 2011–2016, Texas Instruments Incorporated
External Memory Interfaces/DDR Signals Description (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
ddr_d5
DDR SDRAM DATA INPUT/OUTPUT
I/O
T1
N4
ddr_d6
DDR SDRAM DATA INPUT/OUTPUT
I/O
T2
P3
ddr_d7
DDR SDRAM DATA INPUT/OUTPUT
I/O
R3
P4
ddr_d8
DDR SDRAM DATA INPUT/OUTPUT
I/O
K2
J1
ddr_d9
DDR SDRAM DATA INPUT/OUTPUT
I/O
K1
K1
ddr_dqm0
DDR WRITE ENABLE / DATA MASK FOR
DATA[7:0]
O
N3
M2
ddr_dqm1
DDR WRITE ENABLE / DATA MASK FOR
DATA[15:8]
O
K3
J2
ddr_dqs0
DDR DATA STROBE FOR DATA[7:0]
(Differential+)
I/O
R1
P1
ddr_dqs1
DDR DATA STROBE FOR DATA[15:8]
(Differential+)
I/O
L1
L1
ddr_dqsn0
DDR DATA STROBE FOR DATA[7:0]
(Differential-)
I/O
R2
P2
ddr_dqsn1
DDR DATA STROBE FOR DATA[15:8]
(Differential-)
I/O
L2
L2
ddr_nck
DDR SDRAM CLOCK OUTPUT (Differential-)
O
C1
D1
ddr_odt
ODT OUTPUT
O
G1
G1
ddr_rasn
DDR SDRAM ROW ADDRESS STROBE
OUTPUT (ACTIVE LOW)
O
F2
G4
ddr_resetn
DDR3/DDR3L RESET OUTPUT (ACTIVE LOW)
O
G2
G2
ddr_vref
Voltage Reference Input
A
H4
J4
ddr_vtp
VTP Compensation Resistor
I
J1
J3
ddr_wen
DDR SDRAM WRITE ENABLE OUTPUT
(ACTIVE LOW)
O
A4
B2
External Memory Interfaces/General-Purpose Memory Controller Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
gpmc_a0
GPMC Address
O
U1
R1, R13
gpmc_a1
GPMC Address
O
U2, U7
R2, U5, V14
gpmc_a10
GPMC Address
O
W5
T16, V5
gpmc_a11
GPMC Address
O
W7
R6, V17
gpmc_a12
GPMC Address
O
V4
U1
gpmc_a13
GPMC Address
O
W4
U2
gpmc_a14
GPMC Address
O
U5
U3
gpmc_a15
GPMC Address
O
V5
U4
gpmc_a16
GPMC Address
O
V6
R13, V2
gpmc_a17
GPMC Address
O
U6
V14, V3
gpmc_a18
GPMC Address
O
W6
U14, V4
gpmc_a19
GPMC Address
O
V7
T14, T5
gpmc_a2
GPMC Address
O
T7, V1
R3, R5, U14
gpmc_a20
GPMC Address
O
H19
F17, R14
gpmc_a21
GPMC Address
O
H18
F18, V15
gpmc_a22
GPMC Address
O
H17
G15, U15
gpmc_a23
GPMC Address
O
G18
G16, T15
gpmc_a24
GPMC Address
O
G19
G17, V16
gpmc_a25
GPMC Address
O
G17
G18, U16
gpmc_a26
GPMC Address
O
NA
T16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com