Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara Processors
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 82 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 78Page - Texas Instruments AM3359 Datasheet HTML 79Page - Texas Instruments AM3359 Datasheet HTML 80Page - Texas Instruments AM3359 Datasheet HTML 81Page - Texas Instruments AM3359 Datasheet HTML 82Page - Texas Instruments AM3359 Datasheet HTML 83Page - Texas Instruments AM3359 Datasheet HTML 84Page - Texas Instruments AM3359 Datasheet HTML 85Page - Texas Instruments AM3359 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 253 page
background image
82
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Specifications
Copyright © 2011–2016, Texas Instruments Incorporated
5.3
Power-On Hours (POH)
Table 5-1. Reliability Data(1)(2)(3)(4)
OPERATING
CONDITION
COMMERCIAL
INDUSTRIAL
EXTENDED
INDUSTRIAL EXTENDED
JUNCTION
TEMP (TJ)
LIFETIME
(POH)(5)
JUNCTION
TEMP (TJ)
LIFETIME
(POH)(5)
JUNCTION
TEMP (TJ)
LIFETIME
(POH)(5)
JUNCTION
TEMP (TJ)
LIFETIME
(POH)(5)
Nitro
0°C to 90°C
100K
–40°C to 90°C
100K
–40°C to 105°C
37K
–40°C to 125°C
-
Turbo
0°C to 90°C
100K
–40°C to 90°C
100K
–40°C to 105°C
80K
–40°C to 125°C
-
OPP120
0°C to 90°C
100K
–40°C to 90°C
100K
–40°C to 105°C
100K
–40°C to 125°C
-
OPP100
0°C to 90°C
100K
–40°C to 90°C
100K
–40°C to 105°C
100K
–40°C to 125°C
35K
OPP50
0°C to 90°C
100K
–40°C to 90°C
100K
–40°C to 105°C
100K
–40°C to 125°C
95K
(1) The power-on hours (POH) information in this table is provided solely for your convenience and does not extend or modify the warranty
provided under TI's standard terms and conditions for TI semiconductor products.
(2) To avoid significant degradation, the device power-on hours (POH) must be limited as described in this table.
(3) Logic functions and parameter values are not assured out of the range specified in the recommended operating conditions.
(4) The previous notations cannot be deemed a warranty or deemed to extend or modify the warranty under TI's standard terms and
conditions for TI semiconductor products.
(5) POH = Power-on hours when the device is fully functional.
5.4
Operating Performance Points (OPPs)
Device OPPs are defined in Table 5-2 through Table 5-9.
Table 5-2. VDD_CORE OPPs for ZCZ Package
With Device Revision Code "Blank"(1)
VDD_CORE
OPP
Device Rev.
"Blank"
VDD_CORE
DDR3,
DDR3L(2)
DDR2(2)
mDDR(2)
L3 and L4
MIN
NOM
MAX
OPP100
1.056 V
1.100 V
1.144 V
400 MHz
266 MHz
200 MHz
200 and 100
MHz
OPP50
0.912 V
0.950 V
0.988 V
—
125 MHz
90 MHz
100 and 50
MHz
(1) Frequencies in this table indicate maximum performance for a given OPP condition.
(2) This parameter represents the maximum memory clock frequency. Because data is transferred on both edges of the clock, double-data
rate (DDR), the maximum data rate is two times the maximum memory clock frequency defined in this table.
Table 5-3. VDD_MPU OPPs for ZCZ Package
with Device Revision Code "Blank"(1)
VDD_MPU OPP
Device Rev. "Blank"
VDD_MPU
ARM (A8)
MIN
NOM
MAX
Turbo
1.210 V
1.260 V
1.326 V
720 MHz
OPP120
1.152 V
1.200 V
1.248 V
600 MHz
OPP100(2)
1.056 V
1.100 V
1.144 V
500 MHz
OPP100(3)
1.056 V
1.100 V
1.144 V
275 MHz
(1) Frequencies in this table indicate maximum performance for a given OPP condition.
(2) Applies to all orderable AM335__ZCZ_50 (500-MHz speed grade) or higher devices.
(3) Applies to all orderable AM335__ZCZ_27 (275-MHz speed grade) devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com