Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara Processors
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 67Page - Texas Instruments AM3359 Datasheet HTML 68Page - Texas Instruments AM3359 Datasheet HTML 69Page - Texas Instruments AM3359 Datasheet HTML 70Page - Texas Instruments AM3359 Datasheet HTML 71Page - Texas Instruments AM3359 Datasheet HTML 72Page - Texas Instruments AM3359 Datasheet HTML 73Page - Texas Instruments AM3359 Datasheet HTML 74Page - Texas Instruments AM3359 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 253 page
background image
71
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Terminal Configuration and Functions
Copyright © 2011–2016, Texas Instruments Incorporated
GEMAC_CPSW
GEMAC_CPSW/MDIO Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
mdio_clk
MDIO Clk
O
R19
M18
mdio_data
MDIO Data
I/O
P17
M17
GEMAC_CPSW/MII1 Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
gmii1_col
MII Colision
I
J19
H16
gmii1_crs
MII Carrier Sense
I
J18
H17
gmii1_rxclk
MII Receive Clock
I
M19
L18
gmii1_rxd0
MII Receive Data bit 0
I
P18
M16
gmii1_rxd1
MII Receive Data bit 1
I
P19
L15
gmii1_rxd2
MII Receive Data bit 2
I
N16
L16
gmii1_rxd3
MII Receive Data bit 3
I
N17
L17
gmii1_rxdv
MII Receive Data Valid
I
L19
J17
gmii1_rxer
MII Receive Data Error
I
K19
J15
gmii1_txclk
MII Transmit Clock
I
N19
K18
gmii1_txd0
MII Transmit Data bit 0
O
L18
K17
gmii1_txd1
MII Transmit Data bit 1
O
M18
K16
gmii1_txd2
MII Transmit Data bit 2
O
N18
K15
gmii1_txd3
MII Transmit Data bit 3
O
M17
J18
gmii1_txen
MII Transmit Enable
O
K17
J16
GEMAC_CPSW/MII2 Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
gmii2_col
MII Colision
I
V18
U18
gmii2_crs
MII Carrier Sense
I
R15
T17
gmii2_rxclk
MII Receive Clock
I
NA
T15
gmii2_rxd0
MII Receive Data bit 0
I
NA
V17
gmii2_rxd1
MII Receive Data bit 1
I
NA
T16
gmii2_rxd2
MII Receive Data bit 2
I
NA
U16
gmii2_rxd3
MII Receive Data bit 3
I
NA
V16
gmii2_rxdv
MII Receive Data Valid
I
NA
V14
gmii2_rxer
MII Receive Data Error
I
W18
U17
gmii2_txclk
MII Transmit Clock
I
NA
U15
gmii2_txd0
MII Transmit Data bit 0
O
NA
V15
gmii2_txd1
MII Transmit Data bit 1
O
NA
R14
gmii2_txd2
MII Transmit Data bit 2
O
NA
T14
gmii2_txd3
MII Transmit Data bit 3
O
NA
U14
gmii2_txen
MII Transmit Enable
O
NA
R13
GEMAC_CPSW/RGMII1 Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
rgmii1_rclk
RGMII Receive Clock
I
M19
L18
rgmii1_rctl
RGMII Receive Control
I
L19
J17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com