Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara Processors
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 83 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 79Page - Texas Instruments AM3359 Datasheet HTML 80Page - Texas Instruments AM3359 Datasheet HTML 81Page - Texas Instruments AM3359 Datasheet HTML 82Page - Texas Instruments AM3359 Datasheet HTML 83Page - Texas Instruments AM3359 Datasheet HTML 84Page - Texas Instruments AM3359 Datasheet HTML 85Page - Texas Instruments AM3359 Datasheet HTML 86Page - Texas Instruments AM3359 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 253 page
background image
83
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Specifications
Copyright © 2011–2016, Texas Instruments Incorporated
Table 5-4. Valid Combinations of VDD_CORE and
VDD_MPU OPPs for ZCZ Package with Device Revision
Code "Blank"
VDD_CORE
VDD_MPU
OPP50
OPP100
OPP100
OPP100
OPP100
OPP120
OPP100
Turbo
Table 5-5. VDD_CORE OPPs for ZCE Package
with Device Revision Code "Blank"(1)
VDD_CORE
OPP
Device Rev.
"Blank"
VDD_MPU(2)
ARM (A8)
DDR3,
DDR3L(3)
DDR2(3)
mDDR(3)
L3 and L4
MIN
NOM
MAX
OPP100
1.056 V
1.100 V
1.144 V
500 MHz
400 MHz
266 MHz
200 MHz
200 and 100
MHz
OPP100
1.056 V
1.100 V
1.144 V
275 MHz
400 MHz
266 MHz
200 MHz
200 and 100
MHz
(1) Frequencies in this table indicate maximum performance for a given OPP condition.
(2) VDD_MPU is merged with VDD_CORE on the ZCE package.
(3) This parameter represents the maximum memory clock frequency. Because data is transferred on both edges of the clock, double-data
rate (DDR), the maximum data rate is two times the maximum memory clock frequency defined in this table.
Table 5-6. VDD_CORE OPPs for ZCZ Package
with Device Revision Code "A" or Newer(1)
VDD_CORE
OPP
Rev "A" or
Newer
VDD_CORE
DDR3,
DDR3L(2)
DDR2(2)
mDDR(2)
L3 and L4
MIN
NOM
MAX
OPP100
1.056 V
1.100 V
1.144 V
400 MHz
266 MHz
200 MHz
200 and 100
MHz
OPP50
0.912 V
0.950 V
0.988 V
—
125 MHz
90 MHz
100 and 50
MHz
(1) Frequencies in this table indicate maximum performance for a given OPP condition.
(2) This parameter represents the maximum memory clock frequency. Because data is transferred on both edges of the clock, double-data
rate (DDR), the maximum data rate is two times the maximum memory clock frequency defined in this table.
Table 5-7. VDD_MPU OPPs for ZCZ Package
with Device Revision Code "A" or Newer(1)
VDD_MPU OPP
Rev "A" or Newer
VDD_MPU
ARM (A8)
MIN
NOM
MAX
Nitro
1.272 V
1.325 V
1.378 V
1 GHz
Turbo
1.210 V
1.260 V
1.326 V
800 MHz
OPP120
1.152 V
1.200 V
1.248 V
720 MHz
OPP100(2)
1.056 V
1.100 V
1.144 V
600 MHz
OPP100(3)
1.056 V
1.100 V
1.144 V
300 MHz
OPP50
0.912 V
0.950 V
0.988 V
300 MHz
(1) Frequencies in this table indicate maximum performance for a given OPP condition.
(2) Applies to all orderable AM335__ZCZ_60 (600 MHz speed grade) or higher devices.
(3) Applies to all orderable AM335__ZCZ_30 (300 MHz speed grade) devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com