Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara Processors
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 1 Page - Texas Instruments

  AM3359 Datasheet HTML 1Page - Texas Instruments AM3359 Datasheet HTML 2Page - Texas Instruments AM3359 Datasheet HTML 3Page - Texas Instruments AM3359 Datasheet HTML 4Page - Texas Instruments AM3359 Datasheet HTML 5Page - Texas Instruments AM3359 Datasheet HTML 6Page - Texas Instruments AM3359 Datasheet HTML 7Page - Texas Instruments AM3359 Datasheet HTML 8Page - Texas Instruments AM3359 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 253 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
AM335x Sitara™ Processors
1
Device Overview
1
1.1
Features
1
• Up to 1-GHz Sitara™ ARM® Cortex®-A8 32
‑Bit
RISC Processor
– NEON™ SIMD Coprocessor
– 32KB of L1 Instruction and 32KB of Data Cache
With Single-Error Detection (Parity)
– 256KB of L2 Cache With Error Correcting Code
(ECC)
– 176KB of On-Chip Boot ROM
– 64KB of Dedicated RAM
– Emulation and Debug - JTAG
– Interrupt Controller (up to 128 Interrupt
Requests)
• On-Chip Memory (Shared L3 RAM)
– 64KB of General-Purpose On-Chip Memory
Controller (OCMC) RAM
– Accessible to All Masters
– Supports Retention for Fast Wakeup
• External Memory Interfaces (EMIF)
– mDDR(LPDDR), DDR2, DDR3, DDR3L
Controller:
•
mDDR: 200-MHz Clock (400-MHz Data
Rate)
•
DDR2: 266-MHz Clock (532-MHz Data Rate)
•
DDR3: 400-MHz Clock (800-MHz Data Rate)
•
DDR3L: 400-MHz Clock (800-MHz Data
Rate)
•
16-Bit Data Bus
•
1GB of Total Addressable Space
•
Supports One x16 or Two x8 Memory Device
Configurations
– General-Purpose Memory Controller (GPMC)
•
Flexible 8-Bit and 16-Bit Asynchronous
Memory Interface With up to Seven Chip
Selects (NAND, NOR, Muxed-NOR, SRAM)
•
Uses BCH Code to Support 4-, 8-, or 16-Bit
ECC
•
Uses Hamming Code to Support 1-Bit ECC
– Error Locator Module (ELM)
•
Used in Conjunction With the GPMC to
Locate Addresses of Data Errors from
Syndrome Polynomials Generated Using a
BCH Algorithm
•
Supports 4-, 8-, and 16-Bit per 512-Byte
Block Error Location Based on BCH
Algorithms
• Programmable Real-Time Unit Subsystem and
Industrial Communication Subsystem (PRU-ICSS)
– Supports Protocols such as EtherCAT®,
PROFIBUS, PROFINET, EtherNet/IP™, and
More
– Two Programmable Real-Time Units (PRUs)
•
32-Bit Load/Store RISC Processor Capable
of Running at 200 MHz
•
8KB of Instruction RAM With Single-Error
Detection (Parity)
•
8KB of Data RAM With Single-Error
Detection (Parity)
•
Single-Cycle 32-Bit Multiplier With 64-Bit
Accumulator
•
Enhanced GPIO Module Provides Shift-
In/Out Support and Parallel Latch on
External Signal
– 12KB of Shared RAM With Single-Error
Detection (Parity)
– Three 120-Byte Register Banks Accessible by
Each PRU
– Interrupt Controller (INTC) for Handling System
Input Events
– Local Interconnect Bus for Connecting Internal
and External Masters to the Resources Inside
the PRU-ICSS
– Peripherals Inside the PRU-ICSS:
•
One UART Port With Flow Control Pins,
Supports up to 12 Mbps
•
One Enhanced Capture (eCAP) Module
•
Two MII Ethernet Ports that Support
Industrial Ethernet, such as EtherCAT
•
One MDIO Port
• Power, Reset, and Clock Management (PRCM)
Module
– Controls the Entry and Exit of Stand-By and
Deep-Sleep Modes
– Responsible for Sleep Sequencing, Power
Domain Switch-Off Sequencing, Wake-Up
Sequencing, and Power Domain Switch-On
Sequencing
– Clocks
•
Integrated 15- to 35-MHz High-Frequency
Oscillator Used to Generate a Reference
Clock for Various System and Peripheral
Clocks
•
Supports Individual Clock Enable and
Disable Control for Subsystems and
Peripherals to Facilitate Reduced Power
Consumption


Similar Part No. - AM3359

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359 Datasheet
2Mb / 195P
AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359 Datasheet
2Mb / 197P
AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359 Datasheet
2Mb / 222P
AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359 Datasheet
2Mb / 236P
Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
More results

Similar Description - AM3359

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
Sitara Processors
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
Sitara Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
Sitara Processors
AM3359 TI1-AM3359_18 Datasheet
3Mb / 252P
Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com