Electronic Components Datasheet Search
  English  ▼

X  

MH2501SC Datasheet(PDF) 20 Page - Shindengen Electric Mfg.Co.Ltd

Part # MH2501SC
Description  Easy Multi Interleave Controller for multi-phase interleaved PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MH2501SC Datasheet(HTML) 20 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MH2501SC Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 22Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 23Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
SHINDENGEN
ELECTRIC MFG.CO.,LTD
- 20 -
2.10 Example of operation waveforms
Operation waveforms of the typical circuit diagram (Input: 180 to 264 VAC, Output voltage: 390 V,
Output capacity: 4 kW and 3-phase interleaved configuration) as shown in Section 3.1
Input voltage: 200 VAC
Output power: 500 W (Vo = 320 V)
Input voltage: 200 VAC
Output power: 4 kW (Vo = 320 V)
Input voltage: 200 VAC
Output power: 4 kW (Vo = 320 V)
Waveform 1: Critical operation by zero current
CH1
Vds(M)
100V/div
CH2
Id(M)
1A/div
CH3
V COMP
2V/div
CH4
V Z/C
5V/div
TIME
400ns/div
Waveform 2: Main switch current (3-phase interleaving)
CH1
Vds(M)
100V/div
CH2
Id(M)
2A/div
CH3
Id(S1)
2A/div
CH4
Id(S2)
2A/div
TIME
10us/div
Waveform 3: Input voltage and current
CH1
Vin(ac)
250V/div
CH2
Iin(ac)
20A/div
TIME
10ms/div
Resonance period
CH1
CH3
CH4
CH2
CH1
CH3
CH2
CH4
CH1
CH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com