Electronic Components Datasheet Search
  English  ▼

X  

MH2501SC Datasheet(PDF) 12 Page - Shindengen Electric Mfg.Co.Ltd

Part # MH2501SC
Description  Easy Multi Interleave Controller for multi-phase interleaved PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MH2501SC Datasheet(HTML) 12 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MH2501SC Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
SHINDENGEN
ELECTRIC MFG.CO.,LTD
- 12 -
2.5
Output voltage control
Master
This IC detects the output voltage and changes the ON range of the main switch to control the
output voltage.
As shown in Fig. 11, the output voltage is divided using the resistors R191 to 195 and R196 and
the fraction of the voltage is applied to the FB pin. This stabilizes the output voltage relative to
which the FB pin voltage is 2.5 V.
The COMP pin voltage, the output of a feedback error amplifier, is proportional to the ON range of
the main switch. The switch is activated when the voltage is 1.2 V or greater. The ON range
reaches the maximum when the voltage is 4.0 V (Fig. 12). This feedback controls the COMP pin
voltage and stabilizes the output voltage.
Connect a capacitor (C191) near the FB and GND pins to reduce noise. A capacitor with excessive
capacity may affect response. We recommend 1000 pF to 2200 pF.
COMP
FB
2.5V= FB_ref
2
PFC OUT
R191
~
R195
R196
C191
1
6
GND
Fig. 11 FB pin internal block diagram
VCOMP vs ON Time
0
5
10
15
20
25
30
0.0
1.0
2.0
3.0
4.0
5.0
VCOMP [V]
Fig. 12 Relationship between COMP pin voltage and ON range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com