Electronic Components Datasheet Search
  English  ▼

X  

MH2501SC Datasheet(PDF) 24 Page - Shindengen Electric Mfg.Co.Ltd

Part # MH2501SC
Description  Easy Multi Interleave Controller for multi-phase interleaved PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MH2501SC Datasheet(HTML) 24 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MH2501SC Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 22Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 23Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 27Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 28Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
SHINDENGEN
ELECTRIC MFG.CO.,LTD
- 24 -
4.5
Adjusting constants for components around Z/C pin
You can adjust the turn-on timing by adding a capacitor C115 between the resistor R110, the Z/C
pin, and GND (Fig. 24). Adjust the timing so that the switch activates when the drain-source
voltage (Vds) reaches the lower limit in the resonance period (see Waveform 1 in Section 2.10).
This will help reduce switching losses.
The C115 should be around 15 pF. Adjust the R110 while referring to formulas (10) and (11)
below and monitoring Vds at the maximum input voltage on the actual device.
The maximum current flowing into and out of the Z/C pin, which determines the turn-on timing, is
± 5 mA. The resistor R110 needs to be adjusted to ensure that the current flowing to the Z/C pin
does not exceed 80% of the maximum current.
Specifically, select a resistance greater than RZC, the resistance given by formulas (10) and (11).
Fig. 24 Circuit around Z/C pin
For instance, assume Vo = 400 V, Vin(AC)max = 276 V, Np = 50 turns, and Nc = 5 turns.
Positive side of control coil :
]
[
4
.
8
10
4
5
.
6
50
5
400
3
Ω
k
R
ZC
Negative side of control coil :
]
[
8
.
9
10
4
50
5
2
276
3
Ω
 
k
R
ZC
Set the Z/C control resistor R110 to 9.8 kΩ or more.
Positive side of control coil
]
[
10
4
5
.
6
3
Ω
  


Np
Nc
Vo
R
ZC
・・・
(10)
* 6.5 V is the zener voltage in the Z/C pin.
Negative side of control coil
]
[
10
4
2
max
)
(
3
Ω
  


Np
Nc
AC
Vin
R
ZC
・・・
(11)
Z/C
5
Np
R110
C115
L111
Nc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com