Electronic Components Datasheet Search
  English  ▼

X  

MH2501SC Datasheet(PDF) 23 Page - Shindengen Electric Mfg.Co.Ltd

Part # MH2501SC
Description  Easy Multi Interleave Controller for multi-phase interleaved PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MH2501SC Datasheet(HTML) 23 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MH2501SC Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 22Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 23Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 27Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
SHINDENGEN
ELECTRIC MFG.CO.,LTD
- 23 -
<Selecting the coil>
Select the cross-sectional area of the Np coil based on the effective current IL(rms) [A] and the
current density of the choke coil [A/mm
2]. Note that current density will vary with the type of
copper wire (single wire or litz wire), number of strands, and other factors. Fig. 23 shows IL(rms)
at an input of 85 VAC. Refer to the chart when inquiring with the coil manufacturer.
IL(rms) v.s. Po
AC85V
0
1
2
3
4
5
6
50
100
150
200
250
300
350
400
Po[W]
Fig. 23 IL(rms) at an input of 85 VAC
4.2
Selecting the MOSFET (Q111, Q121, Q131…)
Select a MOSFET with a current rating higher than the maximum drain current Idp multiplied by
the margin.
Check the junction temperature on the actual device before final selection of a MOSFET and heat
sink.
Use the following as a guide to margins for the product current rating and product withstand
voltage.
]
V
[
25
.
1
voltage
thstand
Product wi
  
>
×
Vo
... (8)
]
[
25
.
1
rating
current
Product
A
Idp
  
>
×
... (9)
Vo is the set output voltage.
4.3
Selecting an output diode (D111, D121, D131…)
Select a diode with a current rating 6 to 8 times the maximum load current lo_max., using the
value as a guideline. For an interleaved circuit, divide lo_max by the number of phases to obtain
current per phase. Check the junction temperature on the actual device before final selection of a
diode and heat sink.
4.4
Selecting a bypass diode (D141)
Select a bypass diode (D141) with a peak surge forward current IFSM greater than the maximum
inrush current. The maximum inrush current varies with pattern impedance and input voltage.
Simulate to check the current, or measure with the actual device.
Example of recommended component: D4F60 (Shindengen)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com