Electronic Components Datasheet Search
  English  ▼

X  

MH2501SC Datasheet(PDF) 29 Page - Shindengen Electric Mfg.Co.Ltd

Part # MH2501SC
Description  Easy Multi Interleave Controller for multi-phase interleaved PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MH2501SC Datasheet(HTML) 29 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MH2501SC Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 27Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 28Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 29Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 30Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 31Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 32Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 33Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
SHINDENGEN
ELECTRIC MFG.CO.,LTD
- 29 -
6.2
GND wiring
Ground wiring can significantly affect the stability of power supply operations. When a high
current is switched, if the GND is affected, so is the IC control. Separate the GND line from the
high current switching lines as described in Section 6.1.
Specifically, note the following aspects:
(1) Do not use a common GND line. Connect each IC current detection resistor to the input
capacitor with separate GND lines.
(2) Connect the GND of each IC to the GND of each current detection resistor at a single
point.
(3) Do not route the GND between ICs should via the high current switching GND lines (the
red and blue lines in the diagram below). Make the line as short as possible.
(4) Connect the GND of the resonating capacitor to the GND of the current detection
resistor by the shortest possible distance.
* See (1) to (4) in Fig. 29.
Comply with the above precautions for GND wiring.
The next page shows examples of GND wiring that comply with these precautions. Use them as a
guide in pattern layouts.
1
8
1
8
C107-1
C107-2
L121
L111
IC111
C111
C121
R111-2
R121-1
R121-2
C109-1
C109-2
C109-3
IC121
C122
C122
Fig. 29 Design example of GND patterns
・
.. (1)
・
.. (2)
・
.. (3)
・
.. (4)
・
.. Other
GND patterns
Pale color: Side A
Dark color: Side B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com