Electronic Components Datasheet Search
  English  ▼

X  

MH2501SC Datasheet(PDF) 11 Page - Shindengen Electric Mfg.Co.Ltd

Part # MH2501SC
Description  Easy Multi Interleave Controller for multi-phase interleaved PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MH2501SC Datasheet(HTML) 11 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MH2501SC Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
SHINDENGEN
ELECTRIC MFG.CO.,LTD
- 11 -
2.4
Startup and shutdown sequences
Master
Slave
Fig. 10 shows the startup and shutdown sequences for interleaved operation. VCC is common to
the master IC and slave IC.
ACin
Vo
VCC
COMP
OUT(M)
OUT(S)
OVP operation
VCC(start)S
VCC(start)M
VCC(stop)S
VCC(stop)M
1.2V
FB
Vo_ref×1.08V
0.4V
0V
0V
0V
0V
0V
0V
0V
Vo_ref
Fig. 10 Startup and shutdown sequences
(a) Oscillation start sequence
(1) When a voltage is applied to the VCC pin, the COMP is charged to 1.2 V.
(2) When the VCC voltage reaches VCC(start)S, the slave IC starts up. However, the
gate signal is not output, since the master IC has not started up.
(3) When the VCC voltage reaches VCC(start)M, the master IC also starts up and
starts the gate output. The slave IC also starts gate output.
(4) Immediately after startup, gate output stops due to the OVP operation, suppressing
an increase in output voltage.
(b) Oscillation stop sequence
(1) When the VCC voltage has fallen to VCC(stop)M, the master IC shuts down and
stops the gate output. The slave IC also stops the gate output. The COMP voltage
is clamped to 1.2 V.
(2) When the VCC voltage has fallen to VCC(stop)S, the slave IC shuts down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com