Electronic Components Datasheet Search
  English  ▼

X  

TPS23521 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23521
Description  ??8 V High Performance Hot Swap Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23521 Datasheet(HTML) 2 Page - Texas Instruments

  TPS23521 Datasheet HTML 1Page - Texas Instruments TPS23521 Datasheet HTML 2Page - Texas Instruments TPS23521 Datasheet HTML 3Page - Texas Instruments TPS23521 Datasheet HTML 4Page - Texas Instruments TPS23521 Datasheet HTML 5Page - Texas Instruments TPS23521 Datasheet HTML 6Page - Texas Instruments TPS23521 Datasheet HTML 7Page - Texas Instruments TPS23521 Datasheet HTML 8Page - Texas Instruments TPS23521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
TPS23521
SLVSDX2 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS23521
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 7
6.7
Typical Characteristics .............................................. 8
7
Detailed Description ............................................ 10
7.1
Overview ................................................................. 10
7.2
Functional Block Diagram ....................................... 10
7.3
Feature Description................................................. 11
7.4
Device Functional Modes........................................ 15
8
Application and Implementation ........................ 18
8.1
Application Information............................................ 18
8.2
Typical Application ................................................. 18
9
Power Supply Recommendations ...................... 23
10
Layout................................................................... 24
10.1
Layout Guidelines ................................................. 24
10.2
Layout Example .................................................... 24
11
Device and Documentation Support ................. 25
11.1
Trademarks ........................................................... 25
11.2
Electrostatic Discharge Caution ............................ 25
11.3
Glossary ................................................................ 25
12
Mechanical, Packaging, and Orderable
Information ........................................................... 26
4 Revision History
DATE
REVISION
NOTES
September 2017
*
Initial Advance Information release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com