Electronic Components Datasheet Search
  English  ▼

X  

TPS23521 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23521
Description  ??8 V High Performance Hot Swap Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23521 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS23521 Datasheet HTML 4Page - Texas Instruments TPS23521 Datasheet HTML 5Page - Texas Instruments TPS23521 Datasheet HTML 6Page - Texas Instruments TPS23521 Datasheet HTML 7Page - Texas Instruments TPS23521 Datasheet HTML 8Page - Texas Instruments TPS23521 Datasheet HTML 9Page - Texas Instruments TPS23521 Datasheet HTML 10Page - Texas Instruments TPS23521 Datasheet HTML 11Page - Texas Instruments TPS23521 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
TPS23521
SLVSDX2 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS23521
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Typical Characteristics
Unless otherwise noted: –40°C
≤ TJ ≤125°C, 1.1 mA < IVCC < 10 mA, V(UVEN) = 2 V, V(OV) = V(SNS) = V(D) = 0 V, V(SS) = GATEx
= Hi-Z , V(TMR) = 0 V, , VVREF = VPROG = Hi-Z;
Ivcc injected into
VCC pin
Figure 1. VCC Regulation Voltage vs Current and
Temperature
VVCC = 10V
Regulation is
current limit
Figure 2. Iq vs Temperature and Operating Condition
Figure 3. Isns Current Vs Temperature
Figure 4. VVREF vs Temperature and IVREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com