Electronic Components Datasheet Search
  English  ▼

X  

TPS23521 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23521
Description  ??8 V High Performance Hot Swap Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23521 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS23521 Datasheet HTML 12Page - Texas Instruments TPS23521 Datasheet HTML 13Page - Texas Instruments TPS23521 Datasheet HTML 14Page - Texas Instruments TPS23521 Datasheet HTML 15Page - Texas Instruments TPS23521 Datasheet HTML 16Page - Texas Instruments TPS23521 Datasheet HTML 17Page - Texas Instruments TPS23521 Datasheet HTML 18Page - Texas Instruments TPS23521 Datasheet HTML 19Page - Texas Instruments TPS23521 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
16
TPS23521
SLVSDX2 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS23521
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
•
TimeOut: This signal comes from the time out block and will be asserted Hi if the IC has timed out due to an
over-current condition. This signal is also Hi while the timer is going through the restart cycles. Once the
cycles are completed this signal will go Low.
•
ins_over: This signal states that the insertion delay has been completed and the Hot Swap is ready to start-
up.
•
FT: this is the fast trip signal coming from the fast trip comparator. It goes Hi if an extreme over current event
is detected.
•
PG: Internal Power good signal. This is high when the Hot Swap is fully on and the load can draw full power.
For PG to be Hi, the GATE has to be Hi, GATE2 needs to be Hi, and the drain pin needs to be below 0.75V.
•
PG_degl: This is a deglitched version of the PG and is the signal used to move between states and controls
the external PGb pin.
7.4.1 OFF State
In this state the Hot Swap FET is turned off and the controller is waiting to start-up. The controller can be in this
state due to any of these scenarios:
•
Input voltage is not in the valid range.
•
The Hot Swap is in the cool down state and the time is going through the retry cycle after a fault condition
such as output hot short or over current.
•
VCC is below its UVLO threshold and the IC doesn’t have enough power to operate properly.
7.4.2 Insertion Delay State
In this state the Hot Swap FET is turned off and the controller is waiting for the insertion delay to finish. This
allows the input supply to settle after a Hot Plug. If any of the following occur, the controller will be kicked back to
the OFF state:
•
Input voltage is not in the valid range.
•
VCC is below its UVLO threshold and the IC doesn’t have enough power to operate properly.
Once the insertion delay is finished, the controller will move to the Start-up state.
7.4.3 Start-up State
In this state the controller is turning on and charging the output cap. The operation is set as follows:
•
The SS pin is internally connected to the GATE pin to allow for output dv/dt control.
•
The SS pin is internally connected to the GATE pin to allow for output dv/dt control.
•
The lower current limit setting of VSNS,CL2 and a lower fast trip setting of VSNS,FST2 is used to minimize the
MOSFET stress in case of a fault condition.
If any of the following occur, the controller will be kicked back to the OFF state:
•
Input voltage is not in the valid range.
•
The timer times out due to over-current.
•
VCC is below its UVLO threshold and the IC doesn’t have enough power to operate properly.
•
Fast trip is triggered.
Once the PG_degl signal goes Hi, the controller will move to the Normal Operation state.
7.4.4 Normal Operation State
In this state the Hot Swap is fully on and the operation is set as follows:
•
The SS pin is disconnected from the GATE pin to improve transient response.
•
The full gate sourcing current is used to improve transient response.
•
The current limit and fast trip threshold are a function of the D pin to optimize the transient response while
protecting the MOSFET.
If any of the following occur, the controller will be kicked back to the OFF state:
•
• PG_degl goes low.
•
The timer times out due to over-current.
•
VCC is below its UVLO threshold and the IC doesn’t have enough power to operate properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com