Electronic Components Datasheet Search
  English  ▼

X  

TPS23521 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23521
Description  ??8 V High Performance Hot Swap Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23521 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS23521 Datasheet HTML 9Page - Texas Instruments TPS23521 Datasheet HTML 10Page - Texas Instruments TPS23521 Datasheet HTML 11Page - Texas Instruments TPS23521 Datasheet HTML 12Page - Texas Instruments TPS23521 Datasheet HTML 13Page - Texas Instruments TPS23521 Datasheet HTML 14Page - Texas Instruments TPS23521 Datasheet HTML 15Page - Texas Instruments TPS23521 Datasheet HTML 16Page - Texas Instruments TPS23521 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
TMR
TMR
TO
TMR,SRS
C
V
T
I
u
Q1
GATE
SS
SS_ON
SS_Dis
CSS
1 k
CSS,GND
13
TPS23521
www.ti.com
SLVSDX2 – SEPTEMBER 2017
Product Folder Links: TPS23521
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
Figure 8. Implementation of SS Disconnect
7.3.3 Timer
Timer is a critical feature in the Hot Swap, which manages the stress level in the MOSFET. The timer will source
and sink current into the timer capacitor as follows:
•
Not in current limit: sink 2 µA
•
If the part is in current limit and VGATE < VGATE,TH, the part sources current as follows:
–
VD < VD,CL_SW: source 10 µA
–
VD > VD,CL_SW: source 50 µA
The TPS23521 times out and shuts down the Hot Swap as follows.
•
If VD < VD,TMR_SW then the Hot Swap times out when VTMR reaches 1.5 V.
•
If VD > VD,TMR_SW then the Hot Swap times out when VTMR reaches 0.75 V.
The above behavior maximizes the ability of the Hot Swap to ride out voltage steps, while ensuring that the FET
remains safe even if the part can not ride out a voltage step.
A cool down period follows after the part times out. During this time the timer performs the following:
•
Discharge CTMR with a 2-µA current source until 0.5 V
•
Charge CTMR with a 10-µA current source until it is back to 1.5 V.
•
Repeat the above 64 times
•
Discharge timer to 0 V.
The retry version of the part attempts to restart after finishing the above. The latch version must have the UVEN
signal toggled to retry in addition to completing the 64 cycles. If the UVEN signal is toggled while the 64 cycles
are in progress the part restarts immediately after the 64 cycles are completed.
The timer operates as follows when recovering from POR:
•
If VTMR < 0.5 V:
–
Proceed to regular startup
–
Do not discharge VTMR
•
If VTMR > 0.5 V:
–
Go through 64 charge/discharge cycles
–
Discharge VTMR
–
Proceed to startup
The Time Out (TTO) can be computed using the equations below. Note that the time out depends on the VDS of
the MOSFET.
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com