Electronic Components Datasheet Search
  English  ▼

X  

TPS23521 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23521
Description  ??8 V High Performance Hot Swap Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23521 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS23521 Datasheet HTML 17Page - Texas Instruments TPS23521 Datasheet HTML 18Page - Texas Instruments TPS23521 Datasheet HTML 19Page - Texas Instruments TPS23521 Datasheet HTML 20Page - Texas Instruments TPS23521 Datasheet HTML 21Page - Texas Instruments TPS23521 Datasheet HTML 22Page - Texas Instruments TPS23521 Datasheet HTML 23Page - Texas Instruments TPS23521 Datasheet HTML 24Page - Texas Instruments TPS23521 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Teq
SOA
C,MAX
175 C
96.3 C
I
64.5 ms,T
1.12 A
0.59 A
175 C
25 C
q
q
u
q
q
0.52
0.25
SOA
I
64.5 ms, 25 C
3.16 A
ms
64.5 ms
1.12 A
q
u
u
SOA
2
0.25
m
0.25
2
I
t
1 A
a
3.16 A
ms
t
100 ms
u
SOA
1
SOA
2
1
2
1.8 A
ln
ln (I
t
/ I
t
)
1 A
m
0.25
10 ms
ln t / t
ln
100 ms
§
·
¨
¸
©
¹
§
·
¨
¸
©
¹
21
TPS23521
www.ti.com
SLVSDX2 – SEPTEMBER 2017
Product Folder Links: TPS23521
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(20)
(21)
(22)
Finally, the FET SOA needs to be derated based on the maximum case temperature as shown below. Note that
the FET can handle 0.59A, while it will have 0.4A during start-up. Thus there is a lot of margin during this test
condition.
(23)
A similar approach should be taken to compute the FETs SOA capability during a Hot Short and start into short.
As shown in the following figure, during a start into short the gate is coming up very slowly due to a large
capacitance tied to the gate through the SS pin. Thus it is more stressful than a Hot Short and should be used for
worst case SOA calculations. To compare the FET stress during start-up into short to the SOA curves the stress
needs to be approximated as a square pulse as showing in the figure below. In this example, the stress is
approximated with a 1.1ms (Teq), 1.5A, 60V pulse. The FET can handle 6A, 60V for 1ms and 1.8A, 60V for
10ms. Using approximation and temp derating as shown earlier, the FET's capability can be computed as 3A,
60V, for 1.1ms at 96°C. 3A is significantly larger than 1.5A implying good margin.
Figure 13. Teq During a Start Into a Short



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com