Electronic Components Datasheet Search
  English  ▼

X  

TMSC6701 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMSC6701
Description  FLOATING POINT DIGITAL SIGNAL PROCESSOR
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMSC6701 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMSC6701 Datasheet HTML 45Page - Texas Instruments TMSC6701 Datasheet HTML 46Page - Texas Instruments TMSC6701 Datasheet HTML 47Page - Texas Instruments TMSC6701 Datasheet HTML 48Page - Texas Instruments TMSC6701 Datasheet HTML 49Page - Texas Instruments TMSC6701 Datasheet HTML 50Page - Texas Instruments TMSC6701 Datasheet HTML 51Page - Texas Instruments TMSC6701 Datasheet HTML 52Page - Texas Instruments TMSC6701 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
TMS320C6701
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS067E – MAY 1998 – REVISED MAY 2000
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
MULTICHANNEL BUFFERED SERIAL PORT TIMING
timing requirements for McBSP†‡ (see Figure 31)
NO.
’C6701-120
’C6701-150
’C6701-167
UNIT
MIN
MAX
2
tc(CKRX)
Cycle time, CLKR/X
CLKR/X ext
2P§
ns
3
tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X ext
P – 1¶
ns
5
t
Setup time external FSR high before CLKR low
CLKR int
13
ns
5
tsu(FRH-CKRL)
Setup time, external FSR high before CLKR low
CLKR ext
4
ns
6
t
Hold time external FSR high after CLKR low
CLKR int
7
ns
6
th(CKRL-FRH)
Hold time, external FSR high after CLKR low
CLKR ext
4
ns
7
t
Setup time DR valid before CLKR low
CLKR int
10
ns
7
tsu(DRV-CKRL)
Setup time, DR valid before CLKR low
CLKR ext
1
ns
8
t
Hold time DR valid after CLKR low
CLKR int
4
ns
8
th(CKRL-DRV)
Hold time, DR valid after CLKR low
CLKR ext
4
ns
10
t
Setup time external FSX high before CLKX low
CLKX int
13
ns
10
tsu(FXH-CKXL)
Setup time, external FSX high before CLKX low
CLKX ext
4
ns
11
t
Hold time external FSX high after CLKX low
CLKX int
7
ns
11
th(CKXL-FXH)
Hold time, external FSX high after CLKX low
CLKX ext
3
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 167 MHz, use P = 6 ns.
‡ CLKRP = CLKXP = FSRP = FSXP = 0. If polarity of any of the signals is inverted, then the timing references of that signal are also inverted.
§ The maximum McBSP bit rate is 50 MHz; therefore, the minimum CLKR/X clock cycle is either twice the CPU cycle time (2P), or 20 ns (50 MHz),
whichever value is larger. For example, when running parts at 167 MHz (P = 6 ns), use 20 ns as the minimum CLKR/X clock cycle (by setting
the appropriate CLKGDV ratio or external clock source). When running parts at 80 MHz (P = 12.5 ns), use 2P = 25 ns (40 MHz) as the minimum
CLKR/X clock cycle. The maximum McBSP bit rate applies when the serial port is a master of clock and frame syncs and the other device the
McBSP communicates to is a slave.
¶ The minimum CLKR/X pulse duration is either (P–1) or 9 ns, whichever is larger. For example, when running parts at 167 MHz (P = 6 ns), use
9 ns as the minimum CLKR/X pulse duration. When running parts at 80 MHz (P = 12.5 ns), use (P–1) = 11.5 ns as the minimum CLKR/X pulse
duration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com