Electronic Components Datasheet Search
  English  ▼

X  

TMSC6701 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMSC6701
Description  FLOATING POINT DIGITAL SIGNAL PROCESSOR
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMSC6701 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMSC6701 Datasheet HTML 20Page - Texas Instruments TMSC6701 Datasheet HTML 21Page - Texas Instruments TMSC6701 Datasheet HTML 22Page - Texas Instruments TMSC6701 Datasheet HTML 23Page - Texas Instruments TMSC6701 Datasheet HTML 24Page - Texas Instruments TMSC6701 Datasheet HTML 25Page - Texas Instruments TMSC6701 Datasheet HTML 26Page - Texas Instruments TMSC6701 Datasheet HTML 27Page - Texas Instruments TMSC6701 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
TMS320C6701
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS067E – MAY 1998 – REVISED MAY 2000
24
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
clock PLL
All of the internal ’C67x clocks are generated from a single source through the CLKIN pin. This source clock
either drives the PLL, which multiplies the source clock in frequency to generate the internal CPU clock, or
bypasses the PLL to become the internal CPU clock.
To use the PLL to generate the CPU clock, the external PLL filter circuit must be properly designed. Table 3,
Table 4, and Figure 5 show the external PLL circuitry for either x1 (PLL bypass) or x4 PLL multiply modes.
Table 3 and Figure 6 show the external PLL circuitry for a system with ONLY x1 (PLL bypass) mode.
To minimize the clock jitter, a single clean power supply should power both the ’C67x device and the external
clock oscillator circuit. Noise coupling into PLLF will directly impact PLL clock jitter. The minimum CLKIN rise
and fall times should also be observed. For the input clock timing requirements, see the
input and output clocks
electricals section.
Table 3. CLKOUT1 Frequency Ranges†
PLLFREQ3
(A9)
PLLFREQ2
(D11)
PLLFREQ1
(B10)
CLKOUT1 Frequency Range
(MHz)
0
0
0
50–140
0
0
1
65–167
0
1
0
130–167
† Due to overlap of frequency ranges when choosing the PLLFREQ, more than one frequency range can contain
the CLKOUT1 frequency. Choose the lowest frequency range that includes the desired frequency. For example,
for CLKOUT1 = 133 MHz, choose PLLFREQ value of 000b. For CLKOUT1 = 167 MHz, choose PLLFREQ value
of 001b. PLLFREQ values other than 000b, 001b, and 010b are reserved.
Table 4. ’C6701 PLL Component Selection Table
CLKMODE
CLKIN
RANGE
(MHz)
CPU CLOCK
FREQUENCY
(CLKOUT1)
RANGE (MHz)
CLKOUT2
RANGE
(MHz)
R1
(
Ω)
C1
(nF)
C2
(pF)
TYPICAL
LOCK TIME
(
µs)‡
x4
12.5–41.7
50–167
25–83.5
60.4
27
560
75
‡ Under some operating conditions, the maximum PLL lock time may vary as much as 150% from the specified typical value. For example, if the
typical lock time is specified as 100
µs, the maximum value may be as long as 250 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com