Electronic Components Datasheet Search
  English  ▼

X  

AD7191 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7191
Description  Sigma-Delta ADC for Bridge Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7191 Datasheet(HTML) 4 Page - Analog Devices

  AD7191 Datasheet HTML 1Page - Analog Devices AD7191 Datasheet HTML 2Page - Analog Devices AD7191 Datasheet HTML 3Page - Analog Devices AD7191 Datasheet HTML 4Page - Analog Devices AD7191 Datasheet HTML 5Page - Analog Devices AD7191 Datasheet HTML 6Page - Analog Devices AD7191 Datasheet HTML 7Page - Analog Devices AD7191 Datasheet HTML 8Page - Analog Devices AD7191 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AD7191
Rev. A | Page 3 of 20
SPECIFICATIONS
AVDD = 3 V to 5.25 V; DVDD = 2.7 V to 5.25 V; AGND = DGND = 0 V; REFIN(+) = AVDD; REFIN(−) = AGND; MCLK = 4.92 MHz; all
specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter1
AD7191B
Unit
Test Conditions/Comments
Output Data Rate
10, 50, 60, 120
Hz nom
No Missing Codes2
24
Bits min
Resolution
See the RMS Noise and Resolution Specifications
section
RMS Noise and Update Rates
See the RMS Noise and Resolution Specifications
section
Integral Nonlinearity
Gain = 12
±10
ppm of FSR max
±2 ppm typical, AVDD = 5 V
±15
ppm of FSR max
±2 ppm typical., AVDD = 3 V
Gain > 1
±5
ppm of FSR typ
AVDD = 5 V
±12
ppm of FSR typ
AVDD = 3 V
Offset Error
±150/gain
μV typ
Offset Error Drift vs. Temperature
±150/gain
nV/°C typ
Gain = 1 or 8
±5
nV/°C typ
Gain = 64 or 128
Offset Error Drift vs. Time
25
nV/1000 hours typ
Gain = 64 or 128
Gain Error
±0.4
% typ
Gain Drift vs. Temperature
±1
ppm/°C typ
Gain Drift vs. Time
10
ppm/1000 hours typ
Gain = 1
Power Supply Rejection
90
dB typ
Gain = 1, AIN = 1 V
95
dB min
110 dB typical, gain > 1, AIN = 1 V/gain
Normal Mode Rejection2
Internal Clock
@ 50 Hz, 60 Hz
100
dB min
10 Hz output data rate, 50 ± 1 Hz, 60 ± 1 Hz
74
dB min
50 Hz output data rate, 50 ± 1 Hz, 60 ± 1 Hz
@ 60 Hz
97
dB min
60 Hz output data rate, 60 ± 1 Hz.
External Clock
@ 50 Hz, 60 Hz
120
dB min
10 Hz output data rate, 50 ± 1 Hz, 60 ± 1 Hz.
82
dB min
50 Hz output data rate, 50 ± 1 Hz, 60 ± 1 Hz.
@ 60 Hz
120
dB min
60 Hz output data rate, 60 ± 1 Hz
Common-Mode Rejection
@ DC2
100
dB min
Gain = 1, AIN = 1 V
@ DC
110
dB min
Gain > 1, AIN = 1 V/gain
@ 50 Hz, 60 Hz2
120
dB min
10 Hz output data rate, 50 ± 1 Hz, 60 ± 1 Hz
@ 50 Hz, 60 Hz2
120
dB min
50 ± 1 Hz (50 Hz output data rate), 60 ± 1 Hz
(60 Hz output data rate)
ANALOG INPUTS
Differential Input Voltage Ranges
±VREF/gain
V nom
VREF = REFIN(+)
− REFIN(−), gain = 1, 8, 64, or 128
±(AVDD – 1.25 V)/gain
V min/V max
Gain > 1
Absolute AIN Voltage Limits2
AGND + 250 mV
V min
AVDD
− 250 mV
V max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com